Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 208 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 208 Page - Texas Instruments

Back Button AM69 Datasheet HTML 204Page - Texas Instruments AM69 Datasheet HTML 205Page - Texas Instruments AM69 Datasheet HTML 206Page - Texas Instruments AM69 Datasheet HTML 207Page - Texas Instruments AM69 Datasheet HTML 208Page - Texas Instruments AM69 Datasheet HTML 209Page - Texas Instruments AM69 Datasheet HTML 210Page - Texas Instruments AM69 Datasheet HTML 211Page - Texas Instruments AM69 Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 312 page
background image
Table 6-39. GPMC Timing Conditions
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
Input Conditions
SRI
Input slew rate
1.65
4
V/ns
Output Conditions
CL
Output load capacitance
5
20
pF
PCB Connectivity Requirements
td(Trace Delay)
Propagation delay of each trace 133 MHz
Synchronous Mode
140
360
ps
All other modes
140
720
td(Trace Mismatch Delay)
Propagation mismatch across all traces
200
ps
6.10.5.10.1 GPMC and NOR Flash — Synchronous Mode
Section 6.10.5.10.1.1 and Section 6.10.5.10.1.2 assume testing over the recommended operating conditions
and electrical characteristic conditions below (see Figure 6-51 through Figure 6-55).
6.10.5.10.1.1 GPMC and NOR Flash Timing Requirements — Synchronous Mode
NO.
PARAMETER
DESCRIPTION(2)
MODE(3)
MIN
MAX
MIN
MAX
UNIT
100 MHz(4)
133 MHz(4)
F12 tsu(dV-clkH)
Setup time, input data
GPMC_AD[15:0] valid before
output clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.81
1.11
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.06
ns
F13 th(clkH-dV)
Hold time, input data
GPMC_AD[15:0] valid after
output clock GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.78
2.28
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.78
ns
F21 tsu(waitV-clkH)
Setup time, input wait
GPMC_WAIT[j] valid before
output clock GPMC_CLK high(1)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.81
1.11
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.06
ns
F22 th(clkH-waitV)
Hold time, input wait
GPMC_WAIT[j] valid after output
clock GPMC_CLK high(1)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.78
2.28
ns
not_div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
1.78
ns
(1)
In GPMC_WAIT[j], j is equal to 0, 1, 2, or 3.
(2)
Wait monitoring support is limited to a WaitMonitoringTime value > 0. For a full description of wait monitoring feature, see General-
Purpose Memory Controller (GPMC) section in the device TRM.
(3)
For div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
–
GPMC_CLK frequency = GPMC_FCLK frequency
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 1h to 3h:
–
GPMC_CLK frequency = GPMC_FCLK frequency / (2 to 4)
•
CTRLMMR_GPMC_CLKSEL[1-0] CLK_SEL = 01 = PER1_PLL_CLKOUT / 3 = 300 / 3 = 100 MHz
•
For TIMEPARAGRANULARITY_X1:
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
208
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com