Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 262 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 262 Page - Texas Instruments

Back Button AM69 Datasheet HTML 258Page - Texas Instruments AM69 Datasheet HTML 259Page - Texas Instruments AM69 Datasheet HTML 260Page - Texas Instruments AM69 Datasheet HTML 261Page - Texas Instruments AM69 Datasheet HTML 262Page - Texas Instruments AM69 Datasheet HTML 263Page - Texas Instruments AM69 Datasheet HTML 264Page - Texas Instruments AM69 Datasheet HTML 265Page - Texas Instruments AM69 Datasheet HTML 266Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 312 page
background image
6.10.5.19.1 OSPI0 PHY Mode
6.10.5.19.1.1 OSPI With Data Training
Note
I/O timing requirements and switching characteristics are not applicable when OSPI is used with data
training. Follow the OSPI and QSPI Board Design and Layout Guidelines section to ensure proper
operation.
6.10.5.19.1.1.1 OSPI Switching Characteristics – Data Training
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
tc(CLK)
Cycle time, CLK
DDR, 1.8V
6
7.5
ns
DDR, 3.3V
7.5
7.5
ns
tc(CLK)
Cycle time, CLK
SDR, 1.8V
6
7.5
ns
SDR, 3.3V
7.5
7.5
ns
6.10.5.19.1.2 OSPI Without Data Training
Note
The I/O Timings provided in this section are only applicable when data training is not implemented.
Additionally, the I/O Timings are valid only for some OSPI usage modes when the corresponding DLL
Delays are configured as described in Table 6-82 found in this section.
Section 6.10.5.19.1.2.4, Section 6.10.5.19.1.2.2, Section 6.10.5.19.1.2, and Section 6.10.5.19.1.2 present
switching characteristics for OSPI DDR and SDR Mode.
6.10.5.19.1.2.1 OSPI Timing Requirements – SDR Mode
Table 6-82. OSPI DLL Delay Mapping - SDR Timing Modes
MODE
OSPI_PHY_CONFIGURATION_REG BIT FIELD
DELAY VALUE
All modes
PHY_CONFIG_TX_DLL_DELAY_FLD
0x0
PHY_CONFIG_RX_DLL_DELAY_FLD
0x0
Table 6-83. OSPI Timing Requirements – SDR Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O21 tsu(D-LBCLK)
Setup time, D[i:0] valid before active LBCLK
input (DQS) edge(1)
1.8V, External Board Loopback
0.6
ns
3.3V, External Board Loopback
0.9
ns
O22 th(LBCLK-D)
Hold time, D[i:0] valid after active LBCLK
input (DQS) edge(1)
1.8V, External Board Loopback
1.7
ns
3.3V, External Board Loopback
2
ns
(1)
i in [i:0] = 7 for OSPI0, i in [i:0] = 3 for OSPI1
OSPI_DQS
OSPI_TIMING_06
O21
O 2
2
OSPI_D[i:0]
Figure 6-98. OSPI Timing Requirements – SDR, External Loopback Clock
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
262
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com