Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 291 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 291 Page - Texas Instruments

Back Button AM69 Datasheet HTML 287Page - Texas Instruments AM69 Datasheet HTML 288Page - Texas Instruments AM69 Datasheet HTML 289Page - Texas Instruments AM69 Datasheet HTML 290Page - Texas Instruments AM69 Datasheet HTML 291Page - Texas Instruments AM69 Datasheet HTML 292Page - Texas Instruments AM69 Datasheet HTML 293Page - Texas Instruments AM69 Datasheet HTML 294Page - Texas Instruments AM69 Datasheet HTML 295Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 312 page
background image
10 Peripheral- and Interface-Specific Design Information
10.1 LPDDR4 Board Design and Layout Guidelines
The goal of the Jacinto 7 DDR Board Design and Layout Guidelines is to make the LPDDR4 system
implementation straightforward for all designers. Requirements have been distilled down to a set of layout and
routing rules that allow designers to successfully implement a robust design for the topologies that TI supports.
TI only supports board designs using LPDDR4 memories that follow the guidelines in this document.
10.2 OSPI and QSPI Board Design and Layout Guidelines
The following section details the routing guidelines that must be observed when routing the OSPI and QSPI
interfaces.
10.2.1 No Loopback and Internal Pad Loopback
• The MCU_OSPI[x]_CLK output signal must be connected to the CLK pin of the flash device
• The signal propagation delay from the MCU_OSPI[x]_CLK signal to the flash device must be < 450 ps (~7cm
as stripline or ~8cm as microstrip)
• 50 Ω PCB routing is recommended along with series terminations, as shown in Figure 10-1
• Propagation delays and matching:
– A to B < 450 ps
– Matching skew: < 60 ps
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
291
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com