Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 287 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 287 Page - Texas Instruments

Back Button AM69 Datasheet HTML 283Page - Texas Instruments AM69 Datasheet HTML 284Page - Texas Instruments AM69 Datasheet HTML 285Page - Texas Instruments AM69 Datasheet HTML 286Page - Texas Instruments AM69 Datasheet HTML 287Page - Texas Instruments AM69 Datasheet HTML 288Page - Texas Instruments AM69 Datasheet HTML 289Page - Texas Instruments AM69 Datasheet HTML 290Page - Texas Instruments AM69 Datasheet HTML 291Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 312 page
background image
Each odd numbered timer instance from each of the domains may be optionally cascaded with the previous
even numbered timer instance from the same domain to form up to a 64-bit timer. For example, TIMER1 may be
cascaded to TIMER0, MCU_TIMER1 may be cascaded to MCU_TIMER0, etc.
When cascaded, TIMERi acts as a 32-bit prescaler to TIMERi+1, as well as MCU_TIMERn acts as a 32-bit
prescaler to MCU_TIMERn+1. TIMERi / MCU_TIMERn must be configured to generate a PWM output edge at
the desired rate to increment the TIMERi+1/ MCU_TIMERn+1 counter.
For more information, see Timers section in Peripherals chapter in the device TRM.
7.5.5.29 UART
The UART is a slave peripheral that utilizes the DMA for data transfer or interrupt polling via host CPU. There
are twelve UART modules in the device. All UART modules support IrDA and CIR modes when 48 MHz function
clock is used. Each UART can be used for configuration and data exchange with a number of external peripheral
devices or interprocessor communication between devices.
For more information, see Universal Synchronous/Asynchronous Receiver/Transmitter (UART) section in
Peripherals chapter in the device TRM.
7.5.5.30 USB
Similar to earlier versions of USB bus, USB 3.0 is a general-purpose cable bus, supporting data exchange
between a host device and a wide range of simultaneously accessible peripherals.
The device supports two identical USB subsystems:
• USB3SS0 is SuperSpeed (SS) USB 3.0 Dual-Role-Device (DRD) subsystem with on-chip SS (USB3.0) PHY
and HS/FS/LS (1) (USB2.0) PHY
• USB3SS1 is SuperSpeed (SS) USB 3.0 Dual-Role-Device (DRD) subsystem with on-chip SS (USB3.0) PHY
and HS/FS/LS (USB2.0) PHY
For more information, see Universal Serial Bus (USB) Subsystem section in Peripherals chapter in the device
TRM.
7.5.5.31 UFS
The Universal Flash Storage (UFS) interface is a standard-based serial interface engine.
There is one UFS module inside the device - UFS0. The UFS module includes one UFS 2.1 host controller (HC)
with an integrated M-PHY.
The UFS module complies with the standards as listed in Table 7-1.
Table 7-1. UFS Standards
DOCUMENT
VERSION
DESCRIPTION
JESD220-1A
v1.1
Universal Flash Storage (UFS) Unified Memory Extension
JESD220-2
v1.0
Universal Flash Storage (UFS) Card Extension
JESD220C
v2.1, March 2016
Universal Flash Storage (UFS)
JESD223-1B
v1.1A
Universal Flash Storage Host Controller Interface (UFSHCI) Unified Memory
Extension
JESD223C
v2.1, March 2016
Universal Flash Storage Host Controller Interface (UFSHCI)
JESD224
March 2013
Universal Flash Storage (UFS) Test
November, 2001
Federal Information Processing Standards (FIPS) 197 Advanced Encryption Standard
(AES)
v3.1, 2014
MIPI® Alliance Specification for M-PHY
v1.60, 2013
MIPI Alliance Specification for Unified Protocol (UniProSM)
Revision 24, August 2010
Small Computer System Interface (SCSI) Block Commands - 3
Revision 27, October 2010
SCSI Primary Commands - 4
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
287
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com