Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 307 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 307 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 303Page - Texas Instruments TDA4VM21 Datasheet HTML 304Page - Texas Instruments TDA4VM21 Datasheet HTML 305Page - Texas Instruments TDA4VM21 Datasheet HTML 306Page - Texas Instruments TDA4VM21 Datasheet HTML 307Page - Texas Instruments TDA4VM21 Datasheet HTML 308Page - Texas Instruments TDA4VM21 Datasheet HTML 309Page - Texas Instruments TDA4VM21 Datasheet HTML 310Page - Texas Instruments TDA4VM21 Datasheet HTML 311Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 331 page
background image
Table 8-1. Combined MCU and Main Voltage Domain Power Rail Mapping
TYPES
VOLTAGE [V]
DOMAIN NAMES
DOMAIN
GROUPS
POWER RAILS
#
Digital IO
3.3
(VDDSHV0_MCU,
VDDSHV1_MCU,
VDDSHV2_MCU,
VDDSHV0,VDDSHV1,
VDDSHV2, VDDSHV3,
VDDSHV4, VDDSHV53,
VDDSHV6)1, VDDA_3P3_USB4
VDDSHVn_MC
U,VDDSHVn,
VDDA_3P3_US
B4
VDD_IO_3V3
1
Digital IO
1.8
(VDDSHV0_MCU,
VDDSHV1_MCU,
VDDSHV2_MCU, VDDSHV0,
VDDSHV1, VDDSHV2,
VDDSHV, VDDSHV4,
VDDSHV53, VDDSHV6)2
VDDSHVn_MC
U2 VDDSHVn3 2
VDD_IO_1V8
2
Digital IO
1.8
VDDS_MMC06
VDDS_MMC06
VDDS_MMC0_1V86
3
Analog PHY
1.8
(VDDA_1P8_CSIRX,
VDDA_1P8_USB,
VDDA_1P8_UFS,
VDDA_1P8_DP,
VDDA_1P8_DSITX,
VDDA_1P8_MLB,
VDDA_1P8_SERDES)
VDDA_1P8_<p
hy>5
VDD_PHY_1V85
4
Analog Clk,
Meas
1.8
VDDA_MCU_PLLGRP0,
VDDA_MCU_TEMP,
VDDA_ADC_MCU,
VDDA_POR_WKUP,
VDDA_WKUP VDDS_OSC1,
VDDA_PLLGRP6:0,
VDDA_TEMP3:0
VDDA_1P8_<cl
k/meas>
VDA_LN_1V8
5
Analog, low
voltage
0.80
VDDA_0P8_PLL_MLB,
VDDA_0P8_PLL_DDR,
VDDA_0P8_DLL_MMC0
VDDA_0P8_DP
LL
VDA_DPLL_0V8
6
Digital, AVS low
voltage
0.77 – 0.84
VDD_CPU
VDD_CPU
VDD_CPU_AVS
7
Digital, low
voltage
0.80
VDD_MCU7, VDD_CORE,
(VDDA_0P8_SERDES,
VDDA_0P8_SERDES_C,
VDDA_0P8_DP,
VDDA_0P8_DP_C,
VDDA_0P8_DSITX,
VDDA_0P8_DSITX_C,
VDDA_0P8_CSIRX,
VDDA_0P8_UFS,
VDDA_0P8_USB) 8
VDD_MCU
VDD_CORE
VDDA_0P8_<p
hy>8
VDD_PROC_0V8
8
Digital, low
voltage
0.85
VDDAR_MCU,
VDDAR_CORE,
VDDAR_CPU
VDDAR
VDD_RAM_0V85
9
Digital, low
voltage
1.1
VDDS_DDR_BIAS,
VDDS_DDR,
VDDS_DDR_C
VDDS_DDR
VDD_DDR_1V1
10
1. Any MCU or Main dual voltage IO supplies (VDDSHVn_MCU or VDDSHVn) being supplied by 3.3V to
support 3.3V digital interfaces
2. Any MCU or Main dual voltage IO supplies (VDDSHVn_MCU or VDDSHVn) being supplied by 1.8V to
support 1.8V digital interfaces
3. VDDSHV5 supports MMC1 signaling for SD memory cards. A dual voltage (3.3/1.8V) power rail is required
for compliant, high-speed SD card operations. If SD card is not needed or standard data rates with fixed
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
307
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com