Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 309 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 309 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 305Page - Texas Instruments TDA4VM21 Datasheet HTML 306Page - Texas Instruments TDA4VM21 Datasheet HTML 307Page - Texas Instruments TDA4VM21 Datasheet HTML 308Page - Texas Instruments TDA4VM21 Datasheet HTML 309Page - Texas Instruments TDA4VM21 Datasheet HTML 310Page - Texas Instruments TDA4VM21 Datasheet HTML 311Page - Texas Instruments TDA4VM21 Datasheet HTML 312Page - Texas Instruments TDA4VM21 Datasheet HTML 313Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 331 page
background image
Table 8-2. Isolated MCU and Main Voltage Domain Power Rail Mapping (continued)
TYPES
VOLTAGE [V]
DOMAIN NAMES
DOMAIN
GROUPS
POWER RAILS
#
Digital, low
voltage
0.80
VDD_CORE,
(VDDA_0P8_SERDES,
VDDA_0P8_SERDES_C,
VDDA_0P8_DP,
VDDA_0P8_DP_C,
VDDA_0P8_DSITX,
VDDA_0P8_DSITX_C,
VDDA_0P8_CSIRX,
VDDA_0P8_UFS,
VDDA_0P8_USB)8
VDD_CORE,
VDDA_0P8_<p
hy>8
VDD_CORE_0V8
12
Digital, low
voltage
0.85
VDDAR_CORE, VDDAR_CPU
VDDAR
VDD_RAM_0V85
13
Digital, low
voltage
1.1
VDDS_DDR_BIAS,VDDS_DDR,
VDDS_DDR_C
VDDS_DDR
VDD_DDR_1V1
14
1. Any MCU or Main dual voltage IO supplies (VDDSHVn_MCU or VDDSHVn) being supplied by 3.3V to
support 3.3V digital interfaces
2. Any MCU or Main dual voltage IO supplies (VDDSHVn_MCU or VDDSHVn) being supplied by 1.8V to
support 1.8V digital interfaces
3. VDDSHV5 supports MMC1 signaling for SD memory cards. A dual voltage (3.3/1.8V) power rail is required
for compliant, high-speed SD card operations. If SD card is not needed or standard data rates with fixed
3.3V operation is acceptable, then domain can be grouped with digital IO 3.3V power rail. If a SD card is
capable of operating with fixed 1.8V, then domain can be grouped with digital IO 1.8V power rail.
4. VDDA_3P3_USB is 3.3V analog domain used for USB 2.0 differential interface signaling. A low noise,
analog supply is recommended to provide best signal integrity for USB data eye mask compliance. If USB
interface is not needed or data bit errors can be tolerated, then domain can be grouped with 3.3V digital IO
power rail either directly or through a supply filter.
5. VDDA_1P8_<phy> are 1.8V analog domains supporting multiple serial PHY interfaces. A low noise, analog
supply is recommended to provide best signal integrity, interface performance and spec compliance. If any of
these interfaces are not needed, data bit errors or non-compliant operation can be tolerated, then domains
can be grouped with digital IO 1.8V power rail either directly or through an in-line supply filter is allowed.
6. VDD_MMC0 is 1.8V digital supply supporting MMC0 signaling for eMMC interface. If MMC0 or eMMC0
interface is not needed, then domain can be grouped with digital IO 1.8V power rail. However, if MMC0
interface is needed, then VDD_MMC0 must not start ramp-up until VDD_CORE has reached VOPR MIN.
7. VDD_MCU is a digital voltage supply with a wide operational voltage range and power sequencing flexibility,
enabling it to be grouped and ramped-up with either 0.8V VDD_CORE or 0.85V RAM array domains
(VDDAR_xxx).
8. VDDA_1P8_<clk/pll/ana> are 1.8V analog domains supporting clock oscillator, PLL and analog circuitry
needing a low noise supply for optimal performance.
8.2 Device Connection and Layout Fundamentals
8.2.1 Power Supply Decoupling and Bulk Capacitors
8.2.1.1 Power Distribution Network Implementation Guidance
The Jacinto 7 Processor Power Distribution Networks: Implementation and Analysis (SPRACN5) provides
guidance for successful implementation of the power distribution network. This includes PCB stackup guidance
as well as guidance for optimizing the selection and placement of the decoupling capacitors. TI supports only
designs that follow the board design guidelines contained in the application report.
8.2.2 External Oscillator
For more information, see Section 6.9.4.1, Input and output Clocks/Oscillators.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
309
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com