Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 308 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 308 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 304Page - Texas Instruments TDA4VM21 Datasheet HTML 305Page - Texas Instruments TDA4VM21 Datasheet HTML 306Page - Texas Instruments TDA4VM21 Datasheet HTML 307Page - Texas Instruments TDA4VM21 Datasheet HTML 308Page - Texas Instruments TDA4VM21 Datasheet HTML 309Page - Texas Instruments TDA4VM21 Datasheet HTML 310Page - Texas Instruments TDA4VM21 Datasheet HTML 311Page - Texas Instruments TDA4VM21 Datasheet HTML 312Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 331 page
background image
3.3V operation is acceptable, then domain can be grouped with digital IO 3.3V power rail. If a SD card is
capable of operating with fixed 1.8V, then domain can be grouped with digital IO 1.8V power rail.
4. VDDA_3P3_USB is 3.3V analog domain used for USB 2.0 differential interface signaling. A low noise,
analog supply is recommended to provide best signal integrity for USB data eye mask compliance. If USB
interface is not needed or data bit errors can be tolerated, then domain can be grouped with 3.3V digital IO
power rail either directly or through a supply filter.
5. VDDA_1P8_<phy> are 1.8V analog domains supporting multiple serial PHY interfaces. A low noise, analog
supply is recommended to provide best signal integrity, interface performance and spec compliance. If any of
these interfaces are not needed, data bit errors or non-compliant operation can be tolerated, then domains
can be grouped with digital IO 1.8V power rail either directly or through an in-line supply filter is allowed.
6. VDD_MMC0 is 1.8V digital supply supporting MMC0 signaling for eMMC interface. If MMC0 or eMMC0
interface is not needed, then domain can be grouped with digital IO 1.8V power rail. However, if MMC0
interface is needed, then VDD_MMC0 must not start ramp-up until VDD_CORE has reached Vopr min.
7. VDD_MCU is a digital voltage supply with a wide operational voltage range and power sequencing flexibility,
enabling it to be grouped and ramped-up with either 0.8V VDD_CORE or 0.85V RAM array domains
(VDDAR_xxx).
8. VDDA_1P8_<clk/pll/ana> are 1.8V analog domains supporting clock oscillator, PLL and analog circuitry
needing a low noise supply for optimal performance.
Table 8-2. Isolated MCU and Main Voltage Domain Power Rail Mapping
TYPES
VOLTAGE [V]
DOMAIN NAMES
DOMAIN
GROUPS
POWER RAILS
#
Digital IO
3.3
(VDDSHV0_MCU,
VDDSHV1_MCU,
VDDSHV2_MCU)1
VDDSHVn_MC
U
VDD_MCUIO_3V3
1
Digital IO
3.3
(VDDSHV0, VDDSHV1,
VDDSHV2, VDDSHV3,
VDDSHV4, VDDSHV53,
VDDSHV6)1, VDDA_3P3_USB4
VDDSHVn,
VDDA_3P3_US
B4
VDD_IO_3V3
2
Digital IO
1.8
(VDDSHV0_MCU,
VDDSHV1_MCU,
VDDSHV2_MCU)2
VDDSHVn_MC
U2
VDD_MCUIO_1V8
3
Digital IO
1.8
(VDDSHV0, VDDSHV1,
VDDSHV2, VDDSHV3,
VDDSHV4, VDDSHV53,
VDDSHV6)2
VDDSHVn2 3
VDD_IO_1V8
4
Digital IO
1.8
VDDS_MMC06
VDDS_MMC06
VDDS_MMC0_1V86
5
Analog Clk,
Meas
1.8
VDDA_MCU_PLLGRP0,
VDDA_MCU_TEMP,
VDDA_ADC_MCU,
VDDA_POR_WKUP,
VDDA_WKUP
VDDA_MCU1P
8_<clk/meas>
VDA_MCU_1V8
6
Analog Clk,
Meas
1.8
VDDS_OSC1,
VDDA_PLLGRP6:0,
VDDA_TEMP3:0
VDDA_1P8_<cl
k/meas>
VDA_DPLL_1V8
7
Analog PHY
1.8
(VDDA_1P8_CSIRX,
VDDA_1P8_USB,
VDDA_1P8_UFS,
VDDA_1P8_DP,
VDDA_1P8_DSITX,
VDDA_1P8_MLB,
VDDA_1P8_SERDES)5
VDDA_1P8_<p
hy>5
VDA_PHY_1V85
8
Analog, low
voltage
0.80
VDDA_0P8_PLL_MLB,
VDDA_0P8_PLL_DDR,
VDDA_0P8_DLL_MMC0
VDDA_0P8_DP
LL
VDA_DPLL_0V8
9
Digital, low
voltage
0.80
VDD_MCU, VDDAR_MCU
VDD_MCU,
VDDAR_MCU
VDD_MCU_0V85
10
Digital, AVS low
voltage
0.77 – 0.84
vdd_cpu
VDD_CPU
VDD_CPU_AVS
11
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
308
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com