Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP142 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 29Page - Texas Instruments TDP142 Datasheet HTML 30Page - Texas Instruments TDP142 Datasheet HTML 31Page - Texas Instruments TDP142 Datasheet HTML 32Page - Texas Instruments TDP142 Datasheet HTML 33Page - Texas Instruments TDP142 Datasheet HTML 34Page - Texas Instruments TDP142 Datasheet HTML 35Page - Texas Instruments TDP142 Datasheet HTML 36Page - Texas Instruments TDP142 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
11.2 Mechanical Data
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
3.
The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4225901/A 05/2020
www.ti.com
VQFN - 1 mm max height
PLASTIC QUAD FLATPACK- NO LEAD
RGF0040F
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
5.1
4.9
7.1
6.9
1 MAX
0.05
0.00
C
SEATING PLANE
3.7±0.1
3.5
5.5
36X 0.5
5.7±0.1
40X 0.5
0.3
40X 0.3
0.2
1
12
13
20
21
32
33
40
41
PIN 1 INDEX AREA
(0.2) TYP
(0.16)
0.100 MIN
(0.130)
SECTION A-A
TYPICAL
www.ti.com
TDP142-Q1
SLLSG10 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com