Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP142 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 14Page - Texas Instruments TDP142 Datasheet HTML 15Page - Texas Instruments TDP142 Datasheet HTML 16Page - Texas Instruments TDP142 Datasheet HTML 17Page - Texas Instruments TDP142 Datasheet HTML 18Page - Texas Instruments TDP142 Datasheet HTML 19Page - Texas Instruments TDP142 Datasheet HTML 20Page - Texas Instruments TDP142 Datasheet HTML 21Page - Texas Instruments TDP142 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
7 Register Maps
7.1 TDP142-Q1 Registers
Table 7-1 lists the TDP142-Q1 registers. All register offset addresses not listed in Table 7-1 should be
considered as reserved locations and the register contents should not be modified.
Table 7-1. TDP142-Q1 Registers
Offset
Acronym
Register Name
Section
0xA
General_1
General Register
Go
0x10
DP01EQ_SEL
DisplayPort Lane 0 and 1 EQ Control
Go
0x11
DP23EQ_SEL
DisplayPort Lane 2 and 3 EQ Control
Go
0x12
DisplayPort_1
AUX Snoop Status
Go
0x13
DisplayPort_2
DP Lane Enable/Disable Control
Go
0x32
VOD_CTRL
VOD Linearity
Go
Complex bit access types are encoded to fit into small table cells. Table 7-2 shows the codes that are used for
access types in this section.
Table 7-2. TDP142-Q1 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RH
R
H
Read
Set or cleared by hardware
Write Type
W
W
Write
W1S
W
1S
Write
1 to set
WS
W
Write
Reset or Default Value
-n
Value after reset or the default
value
7.1.1 General_1 Register (Offset = 0xA) [reset = 0x1]
General_1 is shown in Table 7-3.
Return to the Summary Table.
This register is used to select between disabled and DisplayPort modes. Software can set the EQ_OVERRIDE
bit to use the EQ registers instead of pins.
Table 7-3. General_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0x0
Reserved
6
RESERVED
R
0x0
Reserved
5
SWAP_HPDIN
R/W
0x0
Controls which pin HPDIN is derived from.
0x0 = HPDIN is in default location
0x1 = HPDIN location is swapped (PIN 23 to PIN 32, or PIN 32 to
PIN 23).
TDP142-Q1
SLLSG10 – NOVEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com