Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP142 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 13Page - Texas Instruments TDP142 Datasheet HTML 14Page - Texas Instruments TDP142 Datasheet HTML 15Page - Texas Instruments TDP142 Datasheet HTML 16Page - Texas Instruments TDP142 Datasheet HTML 17Page - Texas Instruments TDP142 Datasheet HTML 18Page - Texas Instruments TDP142 Datasheet HTML 19Page - Texas Instruments TDP142 Datasheet HTML 20Page - Texas Instruments TDP142 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Use the following procedure for setting a starting sub-address for I2C reads:
1. The controller initiates a write operation by generating a start condition (S), followed by the TDP142-Q1 7-bit
address and a zero-value “W/R” bit to indicate a write cycle.
2. The TDP142-Q1 acknowledges the address cycle.
3. The controller presents the sub-address (I2C register within TDP142-Q1) to be written, consisting of one byte
of data, MSB-first.
4. The TDP142-Q1 acknowledges the sub-address cycle.
5. The controller terminates the write operation by generating a stop condition (P).
Note
If no sub-addressing is included for the read procedure, and reads start at register offset 00h and
continue byte by byte through the registers until the I2C controller terminates the read operation. If a
I2C address write occurred prior to the read, then the reads start at the sub-address specified by the
address write.
Table 6-5. Register Legend
ACCESS TAG
NAME
MEANING
R
Read
The field can be read by software
W
Write
The field can be written by software
S
Set
The field can be set by a write of one. Writes of zeros to the field have no effect.
C
Clear
The field can be cleared by a write of one. Write of zero to the field have no effect.
U
Update
Hardware may autonomously update this field.
NA
No Access
Not accessible or not applicable
www.ti.com
TDP142-Q1
SLLSG10 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com