Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP142 Datasheet(HTML) 3 Page - Texas Instruments

  TDP142 Datasheet HTML 1Page - Texas Instruments TDP142 Datasheet HTML 2Page - Texas Instruments TDP142 Datasheet HTML 3Page - Texas Instruments TDP142 Datasheet HTML 4Page - Texas Instruments TDP142 Datasheet HTML 5Page - Texas Instruments TDP142 Datasheet HTML 6Page - Texas Instruments TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
4 Pin Configuration and Functions
Thermal
pad
1
INDP1p
2
INDP1n
3
A0
4
INDP0p
5
INDP0n
6
DPEQ0/A1
7
INDP2p
8
INDP2n
9
I2C_EN
10
INDP3p
11
INDP3n
12
VCC
21
SNOOPENZ/RSVD8
22
OUTDP3p
23
OUTDP3n
24
HPDIN/RSVD9
25
OUTDP2p
26
OUTDP2n
27
RSVD10
28
OUTDP0n
29
OUTDP0p
30
RSVD11
31
OUTDP1n
32
OUTDP1p
Not to scale
Figure 4-1. RGF Package 40-Pin (VQFN) Top View
Table 4-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
INDP0p
1
I
DP Differential positive input for DisplayPort Lane 0.
INDP0n
2
I
DP Differential negative input for DisplayPort Lane 0.
A0
3
4 Level I
When I2C_EN = 0, leave the pin unconnected. When I2C_EN is not ‘0’, this pin also sets the
TDP142-Q1 I2C address. See Table 6-4. If I2C_EN = “F”, then this pin must be set to “F” or “0”.
INDP1p
4
Diff I
DP Differential positive input for DisplayPort Lane 1.
INDP1n
5
Diff I
DP Differential negative input for DisplayPort Lane 1.
DPEQ0/A1
6
4 Level I
DisplayPort Receiver EQ control. This along with DPEQ1 selects the DisplayPort receiver
equalization gain. Refer to Table 6-2 for equalization settings. When I2C_EN is not ‘0’, this pin
also sets the TDP142-Q1 I2C address. See Table 6-4.
INDP2p
7
Diff I
DP Differential positive input for DisplayPort Lane 2.
INDP2n
8
Diff I
DP Differential negative input for DisplayPort Lane 2.
www.ti.com
TDP142-Q1
SLLSG10 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com