Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP142 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 25Page - Texas Instruments TDP142 Datasheet HTML 26Page - Texas Instruments TDP142 Datasheet HTML 27Page - Texas Instruments TDP142 Datasheet HTML 28Page - Texas Instruments TDP142 Datasheet HTML 29Page - Texas Instruments TDP142 Datasheet HTML 30Page - Texas Instruments TDP142 Datasheet HTML 31Page - Texas Instruments TDP142 Datasheet HTML 32Page - Texas Instruments TDP142 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
The following figures demonstrate the solution of mismatched order between the output of the device and the
DisplayPort connector for the source using BGA package. Figure 8-7 shows the crossing section between
TDP142-Q1 and connector. Usually, vias are applied to avoid the cross, but using a via can attenuate the signal
integrity. Therefore, the polarity swap can be implemented at the input of TDP142-Q1. Figure 8-8 shows there is
no more crossing section between the TDP142-Q1 and connector, which can minimize the number of vias being
used. Note that the solution is only useful for the source using BGA package.
P
DP0
DP1
DP2
DP3
N
P
N
DP0P
DP0N
DP1P
DP1N
DP2P
DP2N
DP3P
DP3N
DP0P
DP0N
DP1P
DP1N
DP2N
DP2P
DP3N
DP3P
DP0P
DP0N
DP1P
DP1N
DP2N
DP2P
DP3N
DP3P
TDP142
Connector
P
N
P
N
GPU-BGA package
Figure 8-7. Layout Example: Signal Crossing on the Output
P
DP0
DP1
DP2
DP3
N
P
N
DP0P
DP0N
DP1P
DP1N
DP2P
DP2N
DP3P
DP3N
DP0P
DP0N
DP1P
DP1N
DP2N
DP2P
DP3N
DP3P
TDP142
P
N
P
N
DP0P
DP0N
DP1P
DP1N
DP2N
DP2P
DP3N
DP3P
Connector
GPU-BGA package
Figure 8-8. Layout Example: INDP2 and INDP3 Polarity Swap
www.ti.com
TDP142-Q1
SLLSG10 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com