Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP142 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 18Page - Texas Instruments TDP142 Datasheet HTML 19Page - Texas Instruments TDP142 Datasheet HTML 20Page - Texas Instruments TDP142 Datasheet HTML 21Page - Texas Instruments TDP142 Datasheet HTML 22Page - Texas Instruments TDP142 Datasheet HTML 23Page - Texas Instruments TDP142 Datasheet HTML 24Page - Texas Instruments TDP142 Datasheet HTML 25Page - Texas Instruments TDP142 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TDP142-Q1 is a linear redriver designed specifically to compensate the inter-symbol interference (ISI) jitter
caused by signal attenuation through a passive medium like PCB traces and cable. The device can be used in
source, sink, and cable applications, where the device is transparent to the link training. For illustrating purposes,
this section shows the implementations of source application and sink application. Figure 8-1 and Figure 8-2
are the high level block diagram for DisplayPort source side application and DisplayPort sink side application
respectively, where the TDP142-Q1 is snooping both channels of AUX signal and HPD signal.
GPU
DP
Receptacle
TDP142
Power
Source
PCB trace of Length A
PCB trace of Length B
ML0_IN
ML1_IN
ML2_IN
ML3_IN
ML0_OUT
ML1_OUT
ML2_OUT
ML3_OUT
AUX
HPD
3.3 V
3.3 V
Copyright © 2017, Texas Instruments Incorporated
Figure 8-1. Source Application for TDP142-Q1
DP
Receptacle
Scaler
TDP142
Power
Source
PCB trace of Length C
PCB trace of Length D
ML0_IN
ML1_IN
ML2_IN
ML3_IN
ML0_OUT
ML1_OUT
ML2_OUT
ML3_OUT
AUX
HPD
3.3 V
3.3 V
Copyright © 2017, Texas Instruments Incorporated
Figure 8-2. Sink Application for TDP142-Q1
TDP142-Q1
SLLSG10 – NOVEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com