Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP142 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 3Page - Texas Instruments TDP142 Datasheet HTML 4Page - Texas Instruments TDP142 Datasheet HTML 5Page - Texas Instruments TDP142 Datasheet HTML 6Page - Texas Instruments TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments TDP142 Datasheet HTML 10Page - Texas Instruments TDP142 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
5.7 DP Electrical Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC Characteristics
CPLF-LINRL0
Low-frequency –1dB compression point
at LINR_L0 setting.
At 100MHz, 200mVpp < VID <
1200mVpp, EQ = 0
600
mVppd
CPHF-LINRL0
High-frequency –1dB compression
point at LINR_L0 setting.
At 5GHz, 200mVpp < VID < 1200mVpp,
EQ = 0
550
mVppd
CPLF-LINRL1
Low-frequency –1dB compression point
at LINR_L1 setting.
At 100MHz, 200mVpp < VID <
1200mVpp, EQ = 0
700
mVppd
CPHF-LINRL1
High-frequency –1dB compression
point at LINR_L1 setting.
At 5GHz, 200mVpp < VID < 1200mVpp,
EQ = 0
650
mVppd
CPLF-LINRL2
Low-frequency –1dB compression point
at LINR_L2 setting.
At 100MHz, 200mVpp < VID <
1200mVpp, EQ = 0
800
mVppd
CPHF-LINRL2
High-frequency –1dB compression
point at LINR_L2 setting.
At 5GHz, 200mVpp < VID < 1200mVpp,
EQ = 0
750
mVppd
CPLF-LINRL3
Low-frequency –1dB compression point
at LINR_L3 setting.
At 100MHz, 200mVpp < VID <
1200mVpp, EQ = 0
900
mVppd
CPHF-LINRL3
High-frequency –1dB compression
point at LINR_L3 setting.
At 5GHz, 200mVpp < VID < 1200mVpp,
EQ = 0
830
mVppd
tTX_DJ
TX output deterministic residual jitter
VID = 0.8Vppd; Optimal EQ setting;
12in prechannel (SDD21 = –8.2dB at
5GHz); 1.6in post channel (SDD21
= –1.8dB at 5GHz); PRBS7; DP at
8.1Gbps
0.04
UI
DisplayPort Receiver
VID(PP)
Peak-to-peak input differential dynamic
voltage range
1400
V
VIC
Input common-mode voltage
0
1.75
2
V
VRX_CM-INST
Maximum instantaneous RX DC
common-mode voltage change under
following operating states: OFF to ON,
Disabled to 4DP low power, 4DP active
to Disabled. (1)
Measured single-ended at non-redriver
side of AC-coupling capacitor with
200kΩ load.
–1200
1000
mV
VRX_CM-INST
Maximum instantaneous RX DC
common-mode voltage change under
following operating states: Disabled to
4DP active (D0), D0 to D3, D3 to D0.
Measured single-ended at non-redriver
side of AC-coupling capacitor with 50Ω
load.
–500
1000
mV
dR
Data rate
8.1
Gbps
R(ti)
Input termination resistance
75
90
110
Ω
C(AC)
External required AC-coupling
capacitor
75
265
nF
EQ_DP0
DP0 Receiver equalization at 100MHz
DP0EQ_SEL = 0;
–0.2
dB
EQ_DP15
DP0 Receiver equalization at 100MHz
DP0EQ_SEL = 15;
2.3
dB
EQ_DP0
DP0 Receiver equalization at 4.05GHz
DP0EQ_SEL = 0;
0.6
dB
EQ_DP15
DP0 Receiver equalization at 4.05GHz
DP0EQ_SEL = 15;
14.5
dB
DisplayPort Transmitter
VTX-CM-INST
Maximum instantaneous TX DC
common-mode voltage change for
following operating states: Disabled to
4DP active (D0), D0 to D3, D3 to D0.
Measured at non-redriver side of AC-
coupling capacitor with 50Ω load.
–500
1000
mV
VTX-CM-INST
Maximum instantaneous TX DC
common-mode voltage change under
following operating states: Disabled to
4DP low power, 4DP active to Disabled
Measured at non-redriver side of AC-
coupling capacitor with 200kΩ load.
–1000
1000
mV
VTX(DC-CM)
Common-mode voltage bias in the transmitter (DC)
0.6
1
V
RTX(DIFF)
Differential impedance of the driver
80
90
120
Ω
(1)
Instantaneous common mode excursions observed by GPU (DPTX) can be minimized by disabling redriver prior to disabling DPTX
termination.
www.ti.com
TDP142-Q1
SLLSG10 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com