Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP142 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 9Page - Texas Instruments TDP142 Datasheet HTML 10Page - Texas Instruments TDP142 Datasheet HTML 11Page - Texas Instruments TDP142 Datasheet HTML 12Page - Texas Instruments TDP142 Datasheet HTML 13Page - Texas Instruments TDP142 Datasheet HTML 14Page - Texas Instruments TDP142 Datasheet HTML 15Page - Texas Instruments TDP142 Datasheet HTML 16Page - Texas Instruments TDP142 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
6.3 Feature Description
6.3.1 DisplayPort
The TDP142-Q1 supports up to four DisplayPort lanes at data rates up to 8.1Gbps (HBR3). The TDP142-Q1
monitors the native AUX traffic as the device traverses between DisplayPort source and DisplayPort sink. For
the purposes of reducing power, the TDP142-Q1 manages the number of active DisplayPort lanes based on the
content of the AUX transactions. The TDP142-Q1 snoops native AUX writes to the DPCD registers 0x00101
(LANE_COUNT_SET) and 0x00600 (SET_POWER_STATE) of the DisplayPort sink. The TDP142-Q1 disables
or enables lanes based on the value written to LANE_COUNT_SET. The TDP142-Q1 disables all lanes when
SET_POWER_STATE is in the D3. Otherwise active lanes are based on value of LANE_COUNT_SET.
DisplayPort AUX snooping is enabled by default but can be disabled by changing the AUX_SNOOP_DISABLE
register. When AUX snoop is disabled, the TDP142-Q1 DisplayPort lanes are controlled through various
configuration registers. When TDP142-Q1 is enabled for GPIO mode (I2C_EN = "0"), the SNOOPENZ pin can
be used to disable AUX snooping. When SNOOPENZ pin is high, the AUX snooping functionality is disabled and
all four DisplayPort lanes are active.
6.3.2 Configuration Jumper Levels
The TDP142-Q1 EVM has 4-level inputs pins (I2C_EN, A0, and DPEQ[1:0]) that are used to control the
equalization gain and place the TDP142-Q1 into different modes of operation. These 4-level inputs use a resistor
divider to help set the four valid levels and provide a wider range of control settings. There are internal pullup
and pulldown resistors that can combine with the external resistor connection to achieve the desired voltage
level
Table 6-1. 4-Level Configuration Jumper Settings
LEVEL
SETTINGS
Low
Tie 1kΩ 5% to GND.
R
Tie 20kΩ 5% to GND.
F
Float (leave pin open)
High
Tie 1kΩ 5% to VCC.
.
Note
All 4-level inputs are latched on rising edge of internal reset. After tcfg_hd, the internal pullup and
pulldown resistors are isolated in order to save power.
6.3.3 Receiver Linear Equalization
The purpose of receiver equalization is to compensate for channel insertion loss and inter-symbol interference
in the system before the input of the TDP142-Q1. The receiver overcomes these losses by attenuating the
low-frequency components of the signals with respect to the high-frequency components. Select the proper gain
setting to match the channel insertion loss before the input of the TDP142-Q1 receivers. Two 4-level inputs pins
enable up to 16 possible equalization settings. The TDP142-Q1 also provides the flexibility of adjusting settings
through I2C registers.
www.ti.com
TDP142-Q1
SLLSG10 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com