Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP142 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 12Page - Texas Instruments TDP142 Datasheet HTML 13Page - Texas Instruments TDP142 Datasheet HTML 14Page - Texas Instruments TDP142 Datasheet HTML 15Page - Texas Instruments TDP142 Datasheet HTML 16Page - Texas Instruments TDP142 Datasheet HTML 17Page - Texas Instruments TDP142 Datasheet HTML 18Page - Texas Instruments TDP142 Datasheet HTML 19Page - Texas Instruments TDP142 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
6.5 Programming
For further programmability, the TDP142-Q1 can be controlled using I2C. When I2C_EN !=0, the SCL and SDA
pins are used for I2C clock and I2C data, respectively.
Table 6-4. TDP142-Q1 I2C Target Address
DPEQ0/A1
PIN LEVEL
A0
PIN LEVEL
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (W/R)
0
0
1
0
0
0
1
0
0
0/1
0
R
1
0
0
0
1
0
1
0/1
0
F
1
0
0
0
1
1
0
0/1
0
1
1
0
0
0
1
1
1
0/1
R
0
0
1
0
0
0
0
0
0/1
R
R
0
1
0
0
0
0
1
0/1
R
F
0
1
0
0
0
1
0
0/1
R
1
0
1
0
0
0
1
1
0/1
F
0
0
0
1
0
0
0
0
0/1
F
R
0
0
1
0
0
0
1
0/1
F
F
0
0
1
0
0
1
0
0/1
F
1
0
0
1
0
0
1
1
0/1
1
0
0
0
0
1
1
0
0
0/1
1
R
0
0
0
1
1
0
1
0/1
1
F
0
0
0
1
1
1
0
0/1
1
1
0
0
0
1
1
1
1
0/1
Use the following procedure to write to TDP142-Q1 I2C registers:
1. The controller initiates a write operation by generating a start condition (S), followed by the TDP142-Q1 7-bit
address and a zero-value “W/R” bit to indicate a write cycle.
2. The TDP142-Q1 acknowledges the address cycle.
3. The controller presents the sub-address (I2C register within TDP142-Q1) to be written, consisting of one byte
of data, MSB-first.
4. The TDP142-Q1 acknowledges the sub-address cycle.
5. The controller presents the first byte of data to be written to the I2C register.
6. The TDP142-Q1 acknowledges the byte transfer.
7. The controller can continue presenting additional bytes of data to be written, with each byte transfer
completing with an acknowledge from the TDP142-Q1.
8. The controller terminates the write operation by generating a stop condition (P).
Use the following procedure to read the TDP142-Q1 I2C registers:
1. The controller initiates a read operation by generating a start condition (S), followed by the TDP142-Q1 7-bit
address and a one-value “W/R” bit to indicate a read cycle.
2. The TDP142-Q1 acknowledges the address cycle.
3. The TDP142-Q1 transmit the contents of the memory registers MSB-first starting at register 00h or last read
sub-address+1. If a write to the T I2C register occurred prior to the read, then the TDP142-Q1 starts at the
sub-address specified in the write.
4. The TDP142-Q1 waits for either an acknowledge (ACK) or a not-acknowledge (NACK) from the controller
after each byte transfer; the I2C controller acknowledges reception of each data byte transfer.
5. If an ACK is received, the TDP142-Q1 transmits the next byte of data.
6. The controller terminates the read operation by generating a stop condition (P).
TDP142-Q1
SLLSG10 – NOVEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com