Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP142 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 10Page - Texas Instruments TDP142 Datasheet HTML 11Page - Texas Instruments TDP142 Datasheet HTML 12Page - Texas Instruments TDP142 Datasheet HTML 13Page - Texas Instruments TDP142 Datasheet HTML 14Page - Texas Instruments TDP142 Datasheet HTML 15Page - Texas Instruments TDP142 Datasheet HTML 16Page - Texas Instruments TDP142 Datasheet HTML 17Page - Texas Instruments TDP142 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
6.4 Device Functional Modes
6.4.1 Device Configuration in GPIO Mode
The TDP142-Q1 is in GPIO configuration when I2C_EN = “0”. The DPEN pin controls whether DisplayPort is
enabled and SNOOPENZ pin controls whether AUX snoop mode is enabled.
6.4.2 Device Configuration in I2C Mode
The TDP142-Q1 is in I2C mode when I2C_EN is not equal to “0”. The same configurations defined in GPIO
mode are also available in I2C mode. The TDP142-Q1 DisplayPort configuration is programmed based on the
Programming section.
6.4.3 Linear EQ Configuration
The receiver equalization gain value can be controlled either through I2C registers or through GPIOs. Table
6-2 details the gain value for each available combination when TDP142-Q1 is in GPIO mode. The I2C mode
can do the same option or even individual lane EQ setting by updating registers DP0EQ_SEL, DP1EQ_SEL,
DP2EQ_SEL, and DP3EQ_SEL.
Table 6-2. TDP142-Q1 Receiver Equalization Control
REGISTER(S): DP0EQ_SEL, DP1EQ_SEL,
DP2EQ_SEL, OR DP3EQ_SEL
EQUALIZATION SETTING #
DPEQ1 PIN LEVEL
DPEQ0 PIN LEVEL
EQ GAIN AT 2.7/4.05/5GHz MINUS GAIN
AT 100MHz
(dB)
0
0
0
0.4/0.8/0.83
1
0
R
2.0/3.1/3.4
2
0
F
3.0/4.6/5.0
3
0
1
4.2/6.0/6.5
4
R
0
5.0/7.0/7.5
5
R
R
6.0/8.0/8.4
6
R
F
6.5/8.7/9.1
7
R
1
7.2/9.4/9.8
8
F
0
7.8/10.0/10.3
9
F
R
8.3/10.4/10.7
10
F
F
8.7/10.7/10.9
11
F
1
9.1/11.1/11.2
12
1
0
9.4/11.3/11.3
13
1
R
9.7/11.5/11.5
14
1
F
10.0/11.7/11.6
15
1
1
10.2/11.8/11.7
TDP142-Q1
SLLSG10 – NOVEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com