Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDP142 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 4Page - Texas Instruments TDP142 Datasheet HTML 5Page - Texas Instruments TDP142 Datasheet HTML 6Page - Texas Instruments TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments TDP142 Datasheet HTML 10Page - Texas Instruments TDP142 Datasheet HTML 11Page - Texas Instruments TDP142 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
5.8 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HPDIN
tHPDIN_DEBOUNCE
DPEN and HPDIN debounce time
when transitioning from H to L.
2
10
ms
I2C
fSCL
I2C clock frequency
1
MHz
tBUF
Bus-free time between START and
STOP conditions
Refer to Figure 6-1
0.5
µs
tHDSTA
Hold time after repeated START
condition. After this period, the first
clock pulse is generated
Refer to Figure 6-1
0.26
µs
tLOW
Low period of the I2C clock
Refer to Figure 6-1
0.5
µs
tHIGH
High period of the I2C clock
Refer to Figure 6-1
0.26
µs
tSUSTA
Setup time for a repeated START
condition
Refer to Figure 6-1
0.26
µs
tHDDAT
Data hold time
Refer to Figure 6-1
0.008
µs
tSUDAT
Data setup time
Refer to Figure 6-1
50
ns
tR
Rise time of both SDA and SCL
signals
Refer to Figure 6-1
120
ns
tF
Fall time of both SDA and SCL signals Refer to Figure 6-1
1.2
120
ns
tSUSTO
Setup time for STOP condition
Refer to Figure 6-1
0.26
µs
Cb
Capacitive load for each bus line
150
pF
TDP142-Q1
SLLSG10 – NOVEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com