Electronic Components Datasheet Search
  English  ▼

X  

AKD4635 Datasheet(PDF) 43 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 43 Page - Asahi Kasei Microsystems

Back Button AKD4635 Datasheet HTML 39Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 40Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 41Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 42Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 43Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 44Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 45Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 46Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 47Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 43 -
■ Input Digital Volume (Manual Mode)
When ADCPF bit = “1” and ALC1 bit = “0”, ALC block becomes an input digital volume (manual mode). The digital
volume’s gain is set by IVOL7-0 bits as shown in Table 22. The IVOL value is changed at zero cross or zero cross time
out. The zero crossing timeout period is set by ZTM1-0 bits.
IVOL7-0bits
GAIN(0dB)
Step
F1H
+36.0
F0H
+35.625
EFH
+35.25
:
:
92H
+0.375
91H
0.0
(default)
90H
-0.375
:
:
0.375dB
2H
-53.625
1H
-54.0
0H
MUTE
Table 22. Input Digital Volume Setting
When writing to the IVOL7-0 bits continually, the control register should be written in an interval more than zero
crossing timeout. If not, zero crossing counter could be reset at each time and volume is not be changed. However, it could
be ignored when writing the same register value as the last time. At this time, zero crossing counter has not been reset, so
it should be written in an interval less than zero crossing timeout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com