Electronic Components Datasheet Search
  English  ▼

X  

AKD4635 Datasheet(PDF) 59 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 59 Page - Asahi Kasei Microsystems

Back Button AKD4635 Datasheet HTML 55Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 56Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 57Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 58Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 59Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 60Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 61Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 62Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 63Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 59 -
SAGC bit
Output Method
0
DC Output
(default)
1
Sag Compensation circuit
Table 45. Output method setting
VSAG2 bit
VSAG1 bit
VSAG0 bit
External capacitance
0
1
1
C1 = 100μF,C2 = 4.7μF
1
0
1
C1 = 47μF,C2 = 4.7μF
(default)
Others
N/A
Table 46. Sag Compensation circuit setting (SACG bit = “1”) (N/A: Not available)
VGCA4-0 bits
GAIN(dB)
STEP
17H
+10.5dB
16H
+10.0dB
15H
+9.5dB
:
:
0.5dB
04H
+1.0dB
03H
+0.5dB
02H
0.0dB
(default)
01H
−0.5dB
00H
−1.0dB
Table 47. Video signal gain setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com