Electronic Components Datasheet Search
  English  ▼

X  

AKD4635 Datasheet(PDF) 75 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 75 Page - Asahi Kasei Microsystems

Back Button AKD4635 Datasheet HTML 71Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 72Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 73Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 74Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 75Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 76Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 77Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 78Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 79Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 75 -
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
2CH
LPF Co-efficient 0
F2A7
F2A6
F2A5
F2A4
F2A3
F2A2
F2A1
F2A0
2DH
LPF Co-efficient 1
0
0
F2A13
F2A12
F2A11
F2A10
F2A9
F2A8
2EH
LPF Co-efficient 2
F2B7
F2B6
F2B5
F2B4
F2B3
F2B2
F2B1
F2B0
2FH
LPF Co-efficient 3
0
0
F2B13
F2B12
F2B11
F2B10
F2B9
F2B8
R/W
W
W
W
W
W
W
W
W
Default
0
0
0
0
0
0
0
0
F2A13-0, F2B13-0: LPF Coefficient (14bit x 2)
Default: “0000H”
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
30H
Digital Filter Select 2
0
0
0
EQ5
EQ4
EQ3
EQ2
EQ1
R/W
R
R
R
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
EQ1: Equalizer 1 Coefficient Setting Enable
0: Disable (default)
1: Enable
When EQ1 bit is “1”, E1A15-0, E1B15-0, E1C15-0 bits are enabled. When EQ1 bit is “0”, EQ block is through (0dB).
EQ2: Equalizer 2 Coefficient Setting Enable
0: Disable (default)
1: Enable
When EQ2 bit is “1”, E2A15-0, E2B15-0, E2C15-0 bits are enabled. When EQ2 bit is “0”, EQ block is through (0dB).
EQ3: Equalizer 3 Coefficient Setting Enable
0: Disable (default)
1: Enable
When EQ3 bit is “1”, E3A15-0, E3B15-0, E3C15-0 bits are enabled. When EQ3bit is “0”, EQ block is through (0dB).
EQ4: Equalizer 4 Coefficient Setting Enable
0: Disable (default)
1: Enable
When EQ4 bit is “1”, E4A15-0, E4B15-0, E4C15-0 bits are enabled. When EQ4 bit is “0”, EQ block is through (0dB).
EQ5: Equalizer 5 Coefficient Setting Enable
0: Disable (default)
1: Enable
When EQ5 bit is “1”, E5A15-0, E5B15-0, E5C15-0 bits are enabled. When EQ5 bit is “0”, EQ block is through (0dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com