Electronic Components Datasheet Search
  English  ▼

X  

AKD4635 Datasheet(PDF) 60 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 60 Page - Asahi Kasei Microsystems

Back Button AKD4635 Datasheet HTML 56Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 57Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 58Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 59Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 60Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 61Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 62Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 63Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 64Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 60 -
■ Serial Control Interface
(1) 3-wire Serial Control Mode (I2C pin = “L”)
Internal registers may be written and read by using the 3-wire µP interface pins (CSN, CCLK and CDTIO). The data on
this interface consists of Read/Write, Register address (MSB first, 7bits) and Control data (MSB first, 8bits). Address and
data is clocked in on the rising edge of CCLK and data is clocked out on the falling edge. Data writing is valid on the
rising edge of the 16th CCLK after the falling edge of CSN. CSN should be set to “H” every after a data writing for each
address. In reading operation, the CDTIO pin changes to output mode at the falling edge of 8th CCLK and outputs
D7-D0. The output finishes on the rising edge of CSN. However this reading function is available only at READ bit = “1”.
When READ bit = “0”, the CDTIO pin stays as Hi-Z even after the falling edge of 8th CCLK. The CDTIO pin is placed
in a Hi-Z state except outputting data at read operation mode. The clock speed of CCLK is 5MHz (max). The value of
internal registers is initialized at the PDN pin = “L”.
Note 44. It is available for reading the address 00H ~ 11H, 20H ~ 24H and 30H. When reading the address 12H ~ 1FH,
25H ~ 2F and 31H ~ 4FH, the register values are invalid.
CSN
CCLK
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
CDTIO
A6 A5
A2
A3
A1 A0
A4
D7 D6 D5 D4 D3 D2 D1 D0
R/W
R/W:
READ/WRITE (“1”: WRITE, “0”: READ)
A6-A0:
Register Address
D7-D0:
Control data
Clock, “H” or “L”
Clock, “H” or “L”
“H” or “L”
“H” or “L”
Figure 53. Serial Control I/F Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com