Electronic Components Datasheet Search
  English  ▼

X  

AKD4635 Datasheet(PDF) 72 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 72 Page - Asahi Kasei Microsystems

Back Button AKD4635 Datasheet HTML 68Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 69Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 70Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 71Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 72Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 73Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 74Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 75Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 76Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 72 -
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
0EH
Mode Control 3
DATT1
DATT0
SMUTE
MDIF
VSAG2
VSAG1
VSAG0
READ
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
1
0
1
0
READ: Read function Enable
0: Disable (default)
1: Enable
VSAG2-0: Select common level of Video-amp at Sag Compensation mode (SAGC = “1”). (Table 46)
Default: “101”
MDIF: Single-ended / Full-differential Input Select
0: Single-ended input (MIC pin or LIN pin: Default)
1: Full-differential input (MICP and MICN pins)
SMUTE: Soft Mute Control
0: Normal Operation (default)
1: DAC outputs soft-muted
DATT1-0: Output Digital Volume2; 6dB step, 4 Level (Table 24)
Default: “00H” (0.0dB)
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
0FH
Thermal Shutdown
THDET
0
0
0
0
0
0
0
R/W
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
THDET: Thermal Shutdown Detection
0: Normal Operation (default)
1: Thermal Shutdown
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
10H
Signal Select 4
0
LOVL
0
0
0
0
LIN
0
R/W
R
R/W
R
R
R
R
R/W
R
Default
0
0
0
0
0
0
0
0
LIN: Select Input data of ADC
0: MIC pin (default)
1: LIN pin
LOVL: Lineout Gain Setting
0: 0dB(default)
1: +2dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com