Electronic Components Datasheet Search
  English  ▼

X  

AKD4635 Datasheet(PDF) 52 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 52 Page - Asahi Kasei Microsystems

Back Button AKD4635 Datasheet HTML 48Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 49Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 50Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 51Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 52Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 53Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 54Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 55Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 56Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 52 -
■ MONO LINE OUTPUT (AOUT pin)
A signal of DAC is output from the AOUT pin. When the DACA bit is “0”, this output is OFF. When the LOVL bit is “1”,
this gain changes to +2dB. The load resistance is 10k
Ω(min). When PMAO bit is “0” and AOPSN bit is “0”, the mono
line output enters power-down and is pulled down by 100
Ω(typ). If PMAO bit is controlled at AOPS bit = “1”, POP noise
will be reduced at power-up and down. Then, this line should be pulled down by 20k
Ω of resister after C-coupling shown
in Figure 45. This rising and falling time is max 300 ms at C = 1.0
μF . When PMAO bit is “1” and AOPS bit is “0”, the
mono line output enters power-up state.
LOVL bits
Gain
0
0dB
(default)
1
+2dB
Table 36. Mono line output volume setting
AOUT
1
μF
220
Ω
20k
Ω
Figure 45. AOUT external circuit when using POP Reduction function
AOUT Control Sequence in case of using POP Reduction Circuit
P M A O b it
A OP S b it
A O U T pin
(1 )
(2 )
No r m a l O u tp u t
(3 )
( 4 )
(5 )
(6 )
≥ 300 m s
≥ 3 00 m s
Figure 46. Mono Line Output Control Sequence when using POP Reduction function
(1) Set AOPS bit = “1”. Mono line output enters the power-save mode.
(2) Set PMAO bit = “1”. Mono line output exits the power-down mode.
AOUT pin rises up to VCOM voltage. Rise time is 200ms (max 300ms) at C=1
μF.
(3) Set AOPS bit = “0” after AOUT pin rises up. Mono line output exits the power-save mode.
Mono line output is enabled.
(4) Set AOPS bit = “1”. Mono line output enters power-save mode.
(5) Set PMAO bit = “1”. Mono line output enters power-down mode.
AOUT pin falls down to VSS1. Fall time is 200ms (max 300ms) at C=1
μF.
(6) Set AOPS bit = “0” after AOUT pin falls down. Mono line output exits the power-save mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com