Electronic Components Datasheet Search
  English  ▼

X  

AKD4635 Datasheet(PDF) 68 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 68 Page - Asahi Kasei Microsystems

Back Button AKD4635 Datasheet HTML 64Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 65Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 66Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 67Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 68Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 69Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 70Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 71Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 72Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 68 -
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
03H
Signal Select 2
PFSDO
AOPS
MGAIN1
0
SPKG
0
PFDAC
ADCPF
R/W
R/W
R/W
R/W
R
R/W
R
R/W
R/W
Default
1
0
0
0
0
0
0
1
ADCPF: Select of Input signal to Programmable Filter/ALC.
0: SDTI
1: Output of ADC (default)
PFDAC: Select of Input signal to DAC.
0: SDTI (default)
1: Output of Programmable Filter/ALC
SPKG: Select Speaker-Amp Output Gain
0: 0dB (default)
1: +2dB
MGAIN1: Mic-Amplifier Gain Control (Table 20)
MGAIN3-2 and MGAIN0 bits are D3, D2 and D0 of 02H. Default: “0001” (+20.0dB)
AOPS: Mono Line Output Power-Save Mode
0: Normal Operation (default)
1: Power-Save Mode
Power-save mode is enable at AOPS bit = “1”. POP noise at power-up/down can be reduced by changing at
PMAO bit = “1”. (Figure 40)
PFSDO: Select of signal from SDTO
0: Output of ADC (1st - HPF)
1: Output of Programmable Filter/ALC (default)
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
04H
Mode Control 1
PLL3
PLL2
PLL1
PLL0
BCKO1
BCKO0
DIF1
DIF0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
1
0
DIF1-0: Audio Interface Format (Table 16)
Default: “10” (MSB First)
BCKO1-0: Select BICK output frequency at Master Mode (Table 9)
Default: “00” (16fs)
PLL3-0: Select input frequency at PLL mode (Table 4)
Default: “0000” (FCK pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com