Electronic Components Datasheet Search
  English  ▼

X  

AKD4635 Datasheet(PDF) 71 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 71 Page - Asahi Kasei Microsystems

Back Button AKD4635 Datasheet HTML 67Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 68Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 69Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 70Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 71Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 72Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 73Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 74Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 75Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 71 -
Addr Register Name
D7
D6
D5
D4
D3
D2
D1
D0
09H
Input Digital Volume Control
IVOL7
IVOL6
IVOL5
IVOL4
IVOL3
IVOL2
IVOL1
IVOL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
1
0
0
1
0
0
0
1
IVOL7-0: Input Digital Volume; 0.375dB step, 242 Level (Table 22)
Default: “91H” (0.0dB)
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
0AH
Digital Volume Control
OVOL7
OVOL6
OVOL5
OVOL4
OVOL3
OVOL2
OVOL1
OVOL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
1
0
0
1
0
0
0
1
OVOL7-0: Output Digital Volume; 0.375dB step, 242 Level (Table 23)
Default: “91H” (0.0dB)
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
0BH
ALC Mode Control 3
RGAIN1
LMTH1
OREF5
OREF4
OREF3
OREF2
OREF1
OREF0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
1
0
1
0
0
0
OREF5-0: Reference value at ALC Recovery operation for playback. 1.5dB step, 60 Level (Table 31)
Default: “28H” (+6.0dB)
LMTH1-0: ALC Limiter Detection Level / Recovery Waiting Counter Reset Level
Default: “01” (-4.1dBFS > ALC Output ≥ -6.0dBFS)
RGAIN1-0: ALC Recovery GAIN Step (Table 29)
RGAIN1 bit is located at D1 bit of 07H. Default: “00”
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
0CH
Video Mode Control
0
0
SAGC
VGCA4
VGCA3
VGCA2
VGCA1
VGCA0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
1
0
VGCA4-0: Gain Control of Video output (Table 47)
SAGC: Select Video Output method. (Table 45)
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
0DH
Input Digital Volume Control
VOL7
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
R/W
R
R
R
R
R
R
R
R
Default
-
-
-
-
-
-
-
-
VOL7-0: The current volume of ALC; 0.375dB step, 242 Level, Read only (Table 33)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com