Electronic Components Datasheet Search
  English  ▼

X  

AKD4635 Datasheet(PDF) 74 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 74 Page - Asahi Kasei Microsystems

Back Button AKD4635 Datasheet HTML 70Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 71Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 72Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 73Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 74Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 75Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 76Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 77Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 78Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 74 -
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
21H
BEEP ON Time
BPON7
BPON6
BPON5
BPON4
BPON3
BPON2
BPON1
BPON0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BPON7-0: Setting ON-time of BEEP signal output (Table 41)
Default: “00H”
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
22H
BEEP OFF Time
BPOFF7
BPOFF6
BPOFF5
BPOFF4
BPOFF3
BPOFF2
BPOFF1
BPOFF0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BPOFF7-0: Setting OFF-time of BEEP signal output (Table 42)
Default: “00H”
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
23H
BEEP Repeat Count
0
BPTM6
BPTM5
BPTM4
BPTM3
BPTM2
BPTM1
BPTM0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BPTM6-0: Setting the number of times that BEEP signal repeats (Table 43)
Default: “00H”
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
24H
BEEP VOL/Control
BPOUT
0
0
0
0
BPLVL2
BPLVL1
BPLVL0
R/W
R/W
R
R
R
R
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BPLVL2-0: Setting Output Level of BEEP signal (Table 44)
Default: “0H” (0dB)
BPOUT: BEEP Signal Control
0: OFF (default)
1: ON
At the time of BPCNT = “0”, when BPOUT bit is “1”, the beep signal starts outputting. The Beep signal stops
after the number of times that was set in BPTM6-0 bit, and BPOUT bit is set to “0” automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com