Electronic Components Datasheet Search
  English  ▼

X  

ADS8513 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8513 Datasheet HTML 1Page - Texas Instruments ADS8513 Datasheet HTML 2Page - Texas Instruments ADS8513 Datasheet HTML 3Page - Texas Instruments ADS8513 Datasheet HTML 4Page - Texas Instruments ADS8513 Datasheet HTML 5Page - Texas Instruments ADS8513 Datasheet HTML 6Page - Texas Instruments ADS8513 Datasheet HTML 7Page - Texas Instruments ADS8513 Datasheet HTML 8Page - Texas Instruments ADS8513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
DEVICE INFORMATION
VS
BUSY
CS
DATACLK
R1IN
GND
BUF
CAP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R2IN
REF
EXT/INT
DATA
PWRD
R3IN
GND
CONV
ADS8513
SLAS486 – JUNE 2007
ELECTRICAL CHARACTERISTICS (continued)
At TA = -40°C to 85°C, fS = 40 kHz, +VA = +VBD = 5 V or VS = 5 V, and using internal reference and fixed resistors, unless
otherwise specified.
ADS8513I
ADS8513IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VOL
Low-level output voltage
ISINK = 1.6 mA
0.4
0.4
V
VOH
High-level output voltage
ISOURCE = 500 μA
4
4
V
High-Z state,
Leakage Current
±5
±5
μA
VOUT = 0 V to VS or +VBD
Output capacitance
High-Z state
15
15
pF
DIGITAL TIMING
Bus access time
RL = 3.3 kΩ, CL = 50 pF
83
83
ns
Bus relinquish time
RL = 3.3 kΩ, CL = 10 pF
83
83
ns
POWER SUPPLIES
VBD
Digital voltage
Must be
≤ +VA
4.75
5
5.25
4.75
5
5.25
V
VA or
Analog voltage
4.75
5
5.25
4.75
5
5.25
V
VS
IDIG
Digital current
0.6
0.6
mA
IANA
Analog current
4.2
4.2
mA
VS = 5 V or +VA = +VBD = 5
V,
24
32.5
24
32.5
mW
Power dissipation
fS = 40 kHz
PWRD and REFD high
50
50
μW
TEMPERATURE RANGE
Specified performance
-40
85
-40
85
°C
Derated performance
-55
125
-55
125
°C
Storage temperature
-65
150
-65
150
°C
SO
Thermal resistance (
ΘJA)
46
46
°C/W
SO (DW) PACKAGE
(TOP VIEW)
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com