Electronic Components Datasheet Search
  English  ▼

X  

ADS8513 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS8513 Datasheet HTML 14Page - Texas Instruments ADS8513 Datasheet HTML 15Page - Texas Instruments ADS8513 Datasheet HTML 16Page - Texas Instruments ADS8513 Datasheet HTML 17Page - Texas Instruments ADS8513 Datasheet HTML 18Page - Texas Instruments ADS8513 Datasheet HTML 19Page - Texas Instruments ADS8513 Datasheet HTML 20Page - Texas Instruments ADS8513 Datasheet HTML 21Page - Texas Instruments ADS8513 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
www.ti.com
1
t
Converter’s
Full-Scale
InputVoltage
Range
0
0
0
0
ConversionClock
IncorrectResult
CorrectResult
ActualInput
Voltage
InternalDAC
Voltage
WrongBitDecisionMadeHere
ProperSAROperation
SAROperationafter
WrongBitDecision
1
(1
1)
0
1
1
0
ExternalNoise
ConversionStart
(HoldMode)
ADS8513
SLAS486 – JUNE 2007
LAYOUT (continued)
For the ADS8513, error correction is done when the tenth bit is decided. During this bit decision, it is possible to
correct limited errors that may have occurred during previous bit decisions. However, after the tenth bit, no such
correction is possible. Note that for the timing diagrams shown in Figure 3, Figure 6, Figure 7, Figure 8, and
Figure 9 all external digital signals should remain static from 8
μs after the start of a conversion until BUSY rises.
The tenth bit is decided approximately 10
μs to 11 μs into the conversion.
Figure 15. SAR Operation When External Noise Affects the Conversion
18
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com