Electronic Components Datasheet Search
  English  ▼

X  

ADS8513 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 5 Page - Texas Instruments

  ADS8513 Datasheet HTML 1Page - Texas Instruments ADS8513 Datasheet HTML 2Page - Texas Instruments ADS8513 Datasheet HTML 3Page - Texas Instruments ADS8513 Datasheet HTML 4Page - Texas Instruments ADS8513 Datasheet HTML 5Page - Texas Instruments ADS8513 Datasheet HTML 6Page - Texas Instruments ADS8513 Datasheet HTML 7Page - Texas Instruments ADS8513 Datasheet HTML 8Page - Texas Instruments ADS8513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
ADS8513
SLAS486 – JUNE 2007
DEVICE INFORMATION (continued)
Terminal Functions
TERMINAL
DIGITAL I/O
DESCRIPTION
NAME
SO NO.
R1IN
1
Analog Input. See Table 1 and Table 3.
R2IN
3
Analog Input. See Table 1 and Table 3.
R3IN
4
Analog Input. See Table 1 and Table 3.
BUF
5
Reference buffer output. Connect to R1IN, R2IN, or R3IN as needed
CAP
6
Reference buffer compensationnode. Decouple to ground with a 1-
μF tantalum capacitor in
parallel with a 0.01-
μF ceramic capacitor.
REF
7
Reference input/output. Outputs internal 2.5-V reference via a series 4-k
Ω resisitor.
Decouple this voltage with a 1-
μF to 2.2-μF tantalum capacitor to ground. If an external
reference voltage is applied to this pin, it will override the internal reference.
DGND
14
Digital ground
DATACLK
9
I/O
Data clock pin. With EXT/INT low, this pin is an output and provides the synchrnous clock
for the serial data. The output is 3-stated when CS is high. With EXT/INT high, this pin is an
input and the serial data clock must be provided externally.
DATA
10
O
Serial data output. The serial data is always the result of the last completed conversion and
is synchronized to DATACLK. If DATACLK is from the internal clock (EXT/INT low), the
serial data is valid on both the rising and falling edges of DATACLK. Data is 3-stated when
CS is high.
EXT/INT
11
I
External/Internal DATACLK pin. Selects the source of the synchronous clock for serial data.
if high, the clock must be provided externally. If low, the clock is derived from the internal
conversion clock. Note that the clock used to time the conversion is always internal
regardless of the status of EXT/INT.
CONV
12
Convert input. A faaling edge on this input puts the internal sample/hold into the hold state
and starts a conversion regardless of the state of CS. If a conversion is already in progress,
the falling edge is ignored. If EXT/INT is low, data from the previous conversion will be
serially transmitted during the current conversion.
CS
13
I
Chip select. This input 3-states all outputs when high and enables all outputs when low.
This includes DATA, BUSY, and DATACLK (when EXT/INT is low). Note that a falling edge
on CONV will initiate a conversion even when CS is high.
BUSY
14
O
Busy output. When a conversion is started, BUSY goes low and remains low throughout the
conversion. If EXT/INT is low, data is serially transmitted while BUSY is low. BUSY is
3-stated when CS is high.
PWRD
15
I
Power down input. When high, the majority of the ADS851 is placed in a low power mode
and power consumption is significantly reduced. CONV must be taken low prior to PWRD
going low in order to achieve the lowest power consumption. The time required for the
ADS8513 to return to normal operation after power down depends on a number of factors.
Consult the POWER DOWN section for more information.
GND
2, 8
Ground.
VS
16
+5-V Supply input. For best performance, decouple to ground with a 0.1-
μF ceramic
capacitor in parallel with a 10-
μF tantalum capacitor.
Table 1. Input Ranges
ANALOG INPUT
CONNECT R1INTO
CONNECT R2IN TO
CONNECT R3IN TO
INPUT IMPEDANCE
RANGE
±10 V
VIN
BUF
GND
45.7 k
Ω
0.3125V to
VIN
VIN
VIN
> 10,000
2.8125 V
±5 V
GND
BUF
VIN
26.7 k
Ω
0 V to 10 V
BUF
GND
VIN
26.7 k
Ω
0 V to 4 V
BUF
VIN
GND
21.3
±3.33 V
VIN
BUF
VIN
21.3
0.5 V to 4.5 V
GND
VIN
GND
21.3
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com