Electronic Components Datasheet Search
  English  ▼

X  

ADS8513 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8513 Datasheet HTML 3Page - Texas Instruments ADS8513 Datasheet HTML 4Page - Texas Instruments ADS8513 Datasheet HTML 5Page - Texas Instruments ADS8513 Datasheet HTML 6Page - Texas Instruments ADS8513 Datasheet HTML 7Page - Texas Instruments ADS8513 Datasheet HTML 8Page - Texas Instruments ADS8513 Datasheet HTML 9Page - Texas Instruments ADS8513 Datasheet HTML 10Page - Texas Instruments ADS8513 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
STARTING A CONVERSION
ADS8513
SLAS486 – JUNE 2007
BASIC OPERATION (continued)
If a conversion is not currently in progress, a falling edge on the CONV input places the sample and hold into the
hold mode and begins a conversion, as shown in Figure 3 and with the timing given in Table 2. During the
conversion, the CONV input is ignored. Starting a conversion does not depend on the state of CS. A conversion
can be started once every 25
μs (40-kHz maximum conversion rate). There is no minimum conversion rate.
Even though the CONV input is ignored while a conversion is in progress, this input should be held static during
the conversion period. Transitions on this digital input can easily couple into sensitive analog portions of the
converter, adversely affecting the conversion results (see the Sensitivity to External Digital Signals section of this
data sheet for more information).
Ideally, the CONV input should go LOW and remain LOW throughout the conversion. It should return HIGH
sometime after BUSY goes HIGH. In addition, it should be HIGH prior to the start of the next conversion for a
minimum time period given by t5. This will ensure that the digital transition on the CONV input will not affect the
signal that is acquired for the next conversion.
An acceptable alternative is to return the CONV input HIGH as soon after the start of the conversion as possible.
For example, a negative going pulse 100ns wide would make a good CONV input signal. It is strongly
recommended that from time t2 after the start of a conversion until BUSY rises, the CONV input should be held
static (either HIGH or LOW). During this time, the converter is more sensitive to external noise.
Table 2. Conversion and Data Timing, TA = –40°C to 85°C
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Conversion Plus Acquisition Time
25
μs
t2
CONV LOW to All Digital Inputs Stable
19
μs
t3
CONV LOW to Initiate a Conversion
0.04
12
μs
t4
BUSY Rising to Any Digital Input Active
5
ns
t5
CONV HIGH Prior to Start of Conversion (CONV high time)
15
ns
t6
BUSY LOW
18
20
μs
t7
CONV LOW to BUSY LOW
12
20
ns
t8
Aperture Delay (CONV falling edge to actual conversion start)
5
ns
t9
Conversion Time
18
20
μs
t10
Conversion Complete to BUSY Rising
90
ns
t11
Acquisition Time
5
μs
t12
CONV LOW to Rising Edge of First Internal DATACLK
0.27
μs
t13
Internal DATACLK HIGH
300
410
425
ns
t14
Internal DATACLK LOW
300
410
425
ns
t15
Internal DATACLK Period
0.6
0.82
0.85
μs
t16
DATA Valid to Internal DATACLK Rising
15
35
ns
t17
Internal DATACLK Falling to DATA Not Valid
22
37
ns
t18
Falling Edge of Last DATACLK to BUSY Rising
1
μs
t19
External DATACLK Rising to DATA Not Valid
4
14
ns
t20
External DATACLK Rising to DATA Valid
2
12
20
ns
t21
External DATACLK HIGH
15
ns
t22
External DATACLK LOW
15
ns
t23
External DATACLK Period
35
ns
t24
CONV LOW to External DATACLK Active
15
ns
t25
External DATACLK LOW or CS HIGH to BUSY Rising
1
μs
t26
CS LOW to Digital Outputs Enabled
15
ns
t27
CS HIGH to Digital Outputs Disabled
15
ns
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com