Electronic Components Datasheet Search
  English  ▼

X  

ADS8513 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS8513 Datasheet HTML 10Page - Texas Instruments ADS8513 Datasheet HTML 11Page - Texas Instruments ADS8513 Datasheet HTML 12Page - Texas Instruments ADS8513 Datasheet HTML 13Page - Texas Instruments ADS8513 Datasheet HTML 14Page - Texas Instruments ADS8513 Datasheet HTML 15Page - Texas Instruments ADS8513 Datasheet HTML 16Page - Texas Instruments ADS8513 Datasheet HTML 17Page - Texas Instruments ADS8513 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
www.ti.com
HIGH IMPEDANCE MODE
LINEARITY ERRORvsSOURCEIMPEDANCE
ExternalSourceImpedance(k
Ω)
10
9
8
7
6
5
4
3
2
1
0
0
1
2
3
4
5
6
7
8
9 10 11 12
14 15
13
T
A =+25°C
Acquisition Time=5µs
ILE
DLE
DRIVING THE ADS8513 ANALOG INPUT
ADS8513
SLAS486 – JUNE 2007
Likewise, three of the input ranges involve the connection at R2IN being driven below GND. This input has a
reverse biased ESD protection diode connection to ground. If R2IN is taken below GND – 0.3V, this diode will be
forward-biased and will clamp the negative input at –0.4V to –0.7V, depending on the temperature. Since the
negative full-scale value of these input ranges exceed –0.4V, they are not recommended.
Note that Table 4 assumes that the voltage at the REF pin is +2.5V. This is true if the internal reference is being
used or if the external reference is +2.5V. Other reference voltages will change the values inTable 4.
When R1IN, R2IN, and R3IN are connected to the analog input, the input range of the ADS8513 is 0.3125V to
2.8125V and the input impedance is greater than 10M
Ω. This input range can be used to connect the ADS8513
directly to a wide variety of sensors. Figure 12 shows the impedance of the sensor versus the change in ILE and
DLE of the ADS8513. The performance of the ADS8513 can be improved for higher sensor impedance by
allowing more time for acquisition. For example, 10 s of acquisition time will approximately double sensor
impedance for the same ILE/DLE performance.
The input impedance and capacitance of the ADS8513 are very stable with temperature. Assuming that this is
true of the sensor as well, the graph shown in Figure 12 will vary less than a few percent over the ensured
temperature range of the ADS8513. If the sensor impedance varies significantly with temperature, the worst-case
impedance should be used.
Figure 12. Linearity Error vs Source Impedance in the High Impedance Mode (R1IN = R2IN = R3IN = VIN)
In general, any reasonably fast, high-quality operational or instrumentation amplifier can be used to drive the
ADS8513 input. When the converter enters the acquisition mode, there is some charge injection from the
converter input to the amplifier output. This can result in inadequate settling time with slower amplifiers. Be very
careful with single-supply amplifiers, particularly if their output will be required to swing very close to the supply
rails.
In addition, be careful in regards to the amplifier linearity. The outputs of single-supply and rail-to-rail amplifiers
can saturate as they approach the supply rails. Rather than the amplifier transfer function being a straight line,
the curve can become severely ‘S’ shaped. Also, watch for the point where the amplifier switches from sourcing
current to sinking current. For some amplifiers, the transfer function can be noticeably discontinuous at this point,
causing a significant change in the output voltage for a much smaller change on the input.
Texas Instruments manufactures a wide variety of operational and instrumentation amplifiers that can be used to
drive the input of the ADS8513. These include the OPA627, OPA132, and INA110.
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com