Electronic Components Datasheet Search
  English  ▼

X  

ADS8513 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS8513 Datasheet HTML 8Page - Texas Instruments ADS8513 Datasheet HTML 9Page - Texas Instruments ADS8513 Datasheet HTML 10Page - Texas Instruments ADS8513 Datasheet HTML 11Page - Texas Instruments ADS8513 Datasheet HTML 12Page - Texas Instruments ADS8513 Datasheet HTML 13Page - Texas Instruments ADS8513 Datasheet HTML 14Page - Texas Instruments ADS8513 Datasheet HTML 15Page - Texas Instruments ADS8513 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
BUSY
CONV
t
24
t
4
t
5
DATACLK
t
25
1
2
n
n+1
15
16
DATA
MSB
Bit14
Bitn
Bitn-1
Bit1
LSB
CHIP SELECT
Active
HI-Z
HI-Z
BUSY,DATA,
DATACLK (1)
CS
t
27
t
26
NOTE:(1)DATACLKisanoutputonlywhenEXT/INT isLOW.
ANALOG INPUT
ADS8513
SLAS486 – JUNE 2007
Figure 9. Serial Data Timing, External Clock, Clocking After the Conversion Completes and During the
Next Conversion (EXT/INT High, CS Low)
The CS input allows the digital outputs of the ADS8513 to be disabled and gates the external DATACLK signal
when EXT/INT is HIGH. See Figure 10 for the enable and disable time associated with CS and Figure 4 for a
block diagram of the ADS8513’s logic. The digital outputs can be disabled at any time.
Note that a conversion is initiated on the falling edge of CONV even if CS is HIGH. If the EXT/INT input is LOW
(internal DATACLK) and CS is HIGH during the entire conversion, the previous conversion result will be lost (the
serial transmission occurs but DATA and DATACLK are disabled).
Figure 10. Enable and Disable Timing for Digital Outputs
The ADS8513 offers a number of input ranges. This is accomplished by connecting the three input resistors to
either the analog input (VIN), to ground (GND), or to the 2.5-V reference buffer output (BUF). Table 1 shows the
input ranges that are typically used in most data acquisition applications. These ranges are all specified to meet
the specifications given in the Specifications table. Table 4contains a complete list of ideal input ranges,
associated input connections, and comments regarding the range.
Table 4. Complete list of Ideal Input Ranges
ANALOG
CONNECT
CONNECT
CONNECT
INPUT
INPUT
R1IN
R2IN
R3IN
IMPEDANCE
COMMENT
RANGE (V)
TO
TO
TO
(k
Ω)
0.3125 to 2.8125
VIN
VIN
VIN
> 10,000
Specified offset and gain
–0.417 to 2.916
VIN
VIN
BUF
26.7
VIN cannot go below GND – 0.3V
0.417 to 3.750
VIN
VIN
GND
26.7
Offset and gain not specified
±3.333
VIN
BUF
VIN
21.3
Specified offset and gain
–15 to 5
VIN
BUF
BUF
45.7
Offset and gain not specified
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com