Electronic Components Datasheet Search
  English  ▼

X  

ADS8513 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS8513 Datasheet HTML 13Page - Texas Instruments ADS8513 Datasheet HTML 14Page - Texas Instruments ADS8513 Datasheet HTML 15Page - Texas Instruments ADS8513 Datasheet HTML 16Page - Texas Instruments ADS8513 Datasheet HTML 17Page - Texas Instruments ADS8513 Datasheet HTML 18Page - Texas Instruments ADS8513 Datasheet HTML 19Page - Texas Instruments ADS8513 Datasheet HTML 20Page - Texas Instruments ADS8513 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
www.ti.com
SIGNAL CONDITIONING
SENSITIVITY TO EXTERNAL DIGITAL SIGNALS
ADS8513
SLAS486 – JUNE 2007
LAYOUT (continued)
All the ground pins of the A/D converter should be tied to an analog ground plane, separated from the system's
digital logic ground, to achieve optimum performance. Both analog and digital ground planes should be tied to
the system ground as near to the power supplies as possible. This helps to prevent dynamic digital ground
currents from modulating the analog ground through a common impedance to power ground.
The FET switches used for the sample hold on many CMOS A/D converters release a significant amount of
charge injection which can cause the driving op amp to oscillate. The amount of charge injection due to the
sampling FET switch on the ADS8507 is approximately 5% to 10% of the amount on similar A/D converters with
the charge redistribution digital-to-analog converter (DAC) CDAC architecture. There is also a resistive front end
which attenuates any charge which is released. The end result is a minimal requirement for the drive capability
on the signal conditioning preceding the A/D converter. Any op amp sufficient for the signal in an application will
be sufficient to drive the ADS8507.
The resistive front end of the ADS8507 also provides a specified ±25-V overvoltage protection. In most cases,
this eliminates the need for external over-voltage protection circuitry.
All successive approximation register-based A/D converters are sensitive to external sources of noise. The
reason for this will be explained in the following paragraphs. For the ADS8513 and similar A/D converters, this
noise most often originates due to the transition of external digital signals. While digital signals that run near the
converter can be the source of the noise, the biggest problem occurs with the digital inputs to the converter itself.
In many cases, the system designer may not be aware that there is a problem or a potential for a problem. For a
12-bit system, these problems typically occur at the least significant bits and only at certain places in the
converter’s transfer function. For a 16-bit converter, the problem can be much easier to spot.
For example, the timing diagram in Figure 3 shows that the CONV signal should return HIGH sometime during
time t2. In fact, the CONV signal can return HIGH at any time during the conversion. However, after time t2, the
transition of the CONV signal has the potential of creating a good deal of noise on the ADS8513 die. If this
transition occurs at just precisely the wrong time, the conversion results could be affected. In a similar manner,
transitions on the DATACLK input could affect the conversion result.
For the ADS8513, there are 16 separate bit decisions which are made during the conversion. The most
significant bit decision is made first, proceeding to the least significant bit at the end of the conversion. Each bit
decision involves the assumption that the bit being tested should be set. This is combined with the result that has
been achieved so far. The converter compares this combined result with the actual input voltage. If the combined
result is too high, the bit is cleared. If the result is equal to or lower than the actual input voltage, the bit remains
HIGH. This is why the basic architecture is referred to as successive approximation register (SAR).
If the result so far is getting very close to the actual input voltage, then the comparison involves two voltages
which are very close together. The ADS8513 has been designed so that the internal noise sources are at a
minimum just prior to the comparator result being latched. However, if an external digital signal transitions at this
time, a great deal of noise will be coupled into the sensitive analog section of the ADS8513. Even if this noise
produces a difference between the two voltages of only 2 mV, the conversion result will be off by 52 counts or
least significant bits (LSBs). (The internal LSB size of the ADS8513 is 38
μV regardless of the input range.)
Once a digital transition has caused the comparator to make a wrong bit decision, the decision cannot be
corrected (unless some type of error correction is employed). All subsequent bit decisions will then be wrong.
Figure 15 shows a successive approximation process that has gone wrong. The dashed line represents what the
correct bit decisions should have been. The solid line represents the actual result of the conversion.
Keep in mind that the time period when the comparator is most sensitive to noise is fairly small. Also, the peak
portion of the noise event produced by a digital transition is fairly brief, as most digital signals transition in a few
nanoseconds. The subsequent noise may last for a period of time longer than this and may induce further effects
which require a longer settling time. However, in general, the event is over within a few tens of nanoseconds.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com