Electronic Components Datasheet Search
  English  ▼

X  

ADS8513 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8513 Datasheet HTML 4Page - Texas Instruments ADS8513 Datasheet HTML 5Page - Texas Instruments ADS8513 Datasheet HTML 6Page - Texas Instruments ADS8513 Datasheet HTML 7Page - Texas Instruments ADS8513 Datasheet HTML 8Page - Texas Instruments ADS8513 Datasheet HTML 9Page - Texas Instruments ADS8513 Datasheet HTML 10Page - Texas Instruments ADS8513 Datasheet HTML 11Page - Texas Instruments ADS8513 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
Convert
Convert
Acquire
Acquire
MODE
BUSY
CONV
t
3
t
2
t
1
t
5
t
4
t
7
t
6
t
8
t
10
t
11
t
9
ADS8513
SLAS486 – JUNE 2007
Table 3. Output Codes and Ideal Input Voltages
DIGITAL OUTPUT
DESCRIPTION
ANALOG INPUT
BINARY 2's COMPLEMENT
BINARY CODE
HEX CODE
Full-scale range
±10
0.5 V to 4.5 V
Least significant bit (LSB)
305
μV
61
μV
+Full-Scale (FS - 1LSB)
9.999695 V
4.499939 V
0111 1111 1111 1111
7FFF
Midscale
0 V
2.5 V
0000 0000 0000 0000
0000
One LSB Below Midscale
-305
μV
2.499939
μV
1111 1111 1111 1111
FFFF
-Full-Scale-
-10 V
0.5 V
1000 0000 0000 0000
8000
Figure 3. Basic Conversion Timing
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com