Electronic Components Datasheet Search
  English  ▼

X  

ADS8513 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8513 Datasheet HTML 6Page - Texas Instruments ADS8513 Datasheet HTML 7Page - Texas Instruments ADS8513 Datasheet HTML 8Page - Texas Instruments ADS8513 Datasheet HTML 9Page - Texas Instruments ADS8513 Datasheet HTML 10Page - Texas Instruments ADS8513 Datasheet HTML 11Page - Texas Instruments ADS8513 Datasheet HTML 12Page - Texas Instruments ADS8513 Datasheet HTML 13Page - Texas Instruments ADS8513 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
INTERNAL DATACLK
t
17
DATACLK
BUSY
CONV
t
1
t
12
t
18
t
16
t
14
t
13
t
15
1
1
2
3
14
15
16
DATA
MSB
Bit14
Bit13
Bit2
Bit1
LSB
MSB
EXTERNAL DATACLK
ADS8513
SLAS486 – JUNE 2007
Figure 5 shows the relationship between the various digital inputs, digital outputs, and internal logic of the
ADS8513. Figure 6 shows when the internal shift register of the ADS8513 is updated and how this relates to a
single conversion cycle. Together, these two figures point out a very important aspect of the ADS8513: the
conversion result is not available until after the conversion is complete. The implications of this are discussed in
the following sections.
With EXT/INT tied LOW, the result from conversion ‘n’ is serially transmitted during conversion ‘n+1’, as shown in
Figure 4 and with the timing given in Table 2. Serial transmission of data occurs only during a conversion. When
a transmission is not in progress, DATA and DATACLK are LOW.
During the conversion, the results of the previous conversion will be transmitted via DATA, while DATACLK
provides the synchronous clock for the serial data. The data format is 16-bit, Binary Two’s Complement, and
MSB first. Each data bit is valid on both the rising and falling edges of DATACLK. BUSY is LOW during the entire
serial transmission and can be used as a frame synchronization signal.
Figure 6. Serial Data Timing, Internal Clock (EXT/INT and CS Low)
With EXT/INT tied HIGH, the result from conversion ‘n’ is clocked out after the conversion has completed, during
the next conversion (‘n+1’), or a combination of these two. Figure 7 shows the case of reading the conversion
result after the conversion is complete. Figure 8 describes reading the result during the next conversion. Figure 9
combines the important aspects of Figure 7 and Figure 8 as to reading part of the result after the conversion is
complete and the remainder during the next conversion.
The serial transmission of the conversion result is initiated by a rising edge on DATACLK. The data format is
16-bit, Binary Two’s Complement, and MSB first. Each data bit is valid on the falling edge of DATACLK. In some
cases, it might be possible to use the rising edge of the DATACLK signal. However, one extra clock period (not
shown in Figure 7, Figure 8), and Figure 9 is needed for the final bit.
The external DATACLK signal must be LOW or CS must be HIGH prior to BUSY rising (see time t25 in Figure 8
and Figure 9). If this is not observed during this time, the output shift register of the ADS8513 will not be updated
with the conversion result. Instead, the previous contents of the shift register will remain and the new result will
be lost.
Before reading the next three paragraphs, consult the Sensitivity to External Digital Signals section of this data
sheet. This will explain many of the concerns regarding how and when to apply the external DATACLK signal.
EXTERNAL DATACLK ACTIVE AFTER THE CONVERSION
The preferred method of obtaining the conversion result is to provide the DATACLK signal after the conversion
has been completed and before the next conversion starts—as shown in Figure 7. Note that the DATACLK signal
should be static before the start of the next conversion. If this is not observed, the DATACLK signal could affect
the voltage that is acquired.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com