Electronic Components Datasheet Search
  English  ▼

X  

ADS8513 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 1 Page - Texas Instruments

  ADS8513 Datasheet HTML 1Page - Texas Instruments ADS8513 Datasheet HTML 2Page - Texas Instruments ADS8513 Datasheet HTML 3Page - Texas Instruments ADS8513 Datasheet HTML 4Page - Texas Instruments ADS8513 Datasheet HTML 5Page - Texas Instruments ADS8513 Datasheet HTML 6Page - Texas Instruments ADS8513 Datasheet HTML 7Page - Texas Instruments ADS8513 Datasheet HTML 8Page - Texas Instruments ADS8513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
Successive Approximation Register
Clock
Comparator
CS
CDAC
Buffer
REF
BUF
R1IN
8 k
Ω
Internal
+2.5 V Ref
4 k
Ω
Serial
Data
Out
&
Control
BUSY
BUSY
DATACLK
40 k
Ω
R2IN
EXT/INT
PWRD
SDATA
CONV
CAP
20 k
Ω
R3IN
ADS8513
www.ti.com
SLAS486 – JUNE 2007
16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH
INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
•
Industrial Process Control
2
• 40-kHz Min Sampling Rate
•
Test Equipment
•
Very Low Power: 25 mW
•
Robotics
•
±3.33-V, ±5-V, ±10-V, 4-V, and 10-V Input
•
DSP Servo Control
Ranges
•
Medical Instrumentation
•
89.9-dB SINAD with 10-kHz Input
•
Portable Data Acquisition Systems
•
±1.5 LSB Max INL
•
±1 LSB Max DNL, 16-Bit NMC
•
±5-mV BPZ, ±0.4 PPM/
°C BPZ Drift
The ADS8513 is a complete low-power, single 5-V
•
87-dB Min SINAD, 96-dB Min SFDR
supply,
16-bit
sampling
analog-to-digital
(A/D)
•
Uses Internal or External 2.5-V Reference
converter.
It
contains
a
complete
16-bit
capacitor-based, successive approximation register
•
No External Calibration Resistors Required
(SAR) A/D converter with sample and hold, clock,
•
Single 5-V Analog Supply
reference, and serial data interface. The converter
–
40-mW Max Power Dissipation
can be configured for a variety of input ranges
including ±10 V, ±5 V, 0 V to 10 V, and 0.5 V to
–
50-
μW Max Power-Down Mode
4.5 V. A high-impedance, 0.3-V to 2.8-V input is also
•
20-Mhz Compatible SPI
available with input impedance greater than 10 M
Ω.
•
Global CONV and 3-Stated Bus for Multi-Chip
For most input ranges, the input voltage can swing to
Simultaneous S/H Operation
25 V or –25 V without damage to the converter.
•
Pin-Compatible with ADS7813 and 12-Bit
An SPI-compatible serial interface allows data to be
ADS7812/8512
synchronized to an internal or external clock. The
•
SO-16 Package
ADS8513 is specified at 40-kHz sampling rate over
the industrial –40
°C to 85°C temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
QSPI, SPI are trademarks of Motorola, Inc.
PRODUCT PREVIEW information concerns products in the
Copyright © 2007, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - ADS8513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8513 TI1-ADS8513 Datasheet
1Mb / 34P
16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513IBDW TI1-ADS8513IBDW Datasheet
1Mb / 34P
16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513IBDWG4 TI1-ADS8513IBDWG4 Datasheet
1Mb / 34P
16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513IBDWR TI1-ADS8513IBDWR Datasheet
1Mb / 34P
16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513IBDWRG4 TI1-ADS8513IBDWRG4 Datasheet
1Mb / 34P
16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
More results

Similar Description - ADS8513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com