Electronic Components Datasheet Search
  English  ▼

X  

ADS8513 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 2 Page - Texas Instruments

  ADS8513 Datasheet HTML 1Page - Texas Instruments ADS8513 Datasheet HTML 2Page - Texas Instruments ADS8513 Datasheet HTML 3Page - Texas Instruments ADS8513 Datasheet HTML 4Page - Texas Instruments ADS8513 Datasheet HTML 5Page - Texas Instruments ADS8513 Datasheet HTML 6Page - Texas Instruments ADS8513 Datasheet HTML 7Page - Texas Instruments ADS8513 Datasheet HTML 8Page - Texas Instruments ADS8513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
ADS8513
SLAS486 – JUNE 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE/ORDERING INFORMATION
MINIMUM
NO
MINIMUM
SPECIFICATION
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
INL
MISSING
SINAD
TEMPERATURE
LEAD
DESIGNATOR
NUMBER
MEDIA, QTY
(LSB)
CODE
(dB)
RANGE
ADS8513IBDW
Tube, 20
ADS8513IB
±1.5
16
89.9
-40
°C to 85°C
SO-16
DW
ADS8513IBDWR
Tape and Reel, 1000
ADS8513IDW
Tube, 20
ADS8513I
±3
15
88
-40
°C to 85°C
SO-16
DW
ADS8513IDWR
Tape and Reel, 1000
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
R1IN
±25 V
R2IN
±25 V
Analog inputs
R3IN
±25 V
REF
+VANA + 0.3 V to AGND2 - 0.3 V
DGND, AGND, GND
±0.3 V
+VA, VS
6 V
Ground voltage differences
+VBD to +VA
0.3 V
+VBD
6 V
Digital inputs
-0.3 V to +VDIG + 0.3 V
Maximum junction temperature
165
°C
Storage temperature range
–65
°C to 150°C
Internal power dissipation
700 mW
Lead temperature (soldering, 1.6 mm from case 10 seconds)
260
°C
(1)
All voltage values are with respect to network ground terminal.
At TA = -40°C to 85°C, fS = 40 kHz, +VA = +VBD = 5 V or VS = 5 V, and using internal reference and fixed resistors, unless
otherwise specified.
ADS8513I
ADS8513IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
16
16
Bits
ANALOG INPUT
Voltage ranges (see Table 1)
V
Impedance
Capacitance
45
45
pF
THROUGHPUT SPEED
Conversion time
20
20
μs
Complete cycle
Acquire and convert
25
25
Throughput rate
40
40
kHz
DC ACCURACY
INL
Integral linearity error
-3
3
-1.5
1.5
LSB(1)
DNL
Differential linearity error
-2
2
-1
1
LSB
No missing codes
15
16
Bits
(1)
LSB means Least Significant Bit. One LSB for the ±10 V input range is 305
μV.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com