Electronic Components Datasheet Search
  English  ▼

X  

ADS8513 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8513 Datasheet HTML 7Page - Texas Instruments ADS8513 Datasheet HTML 8Page - Texas Instruments ADS8513 Datasheet HTML 9Page - Texas Instruments ADS8513 Datasheet HTML 10Page - Texas Instruments ADS8513 Datasheet HTML 11Page - Texas Instruments ADS8513 Datasheet HTML 12Page - Texas Instruments ADS8513 Datasheet HTML 13Page - Texas Instruments ADS8513 Datasheet HTML 14Page - Texas Instruments ADS8513 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
BUSY
CONV
t
1
t
5
DATACLK
t
4
t
23
t
22
t
21
t
20
t
19
1
2
3
4
14
15
16
DATA
MSB
Bit14
Bit13
Bit2
Bit1
LSB
3
4
BUSY
CONV
t
2
t
1
DATACLK
t
24
t
25
t
23
t
22
t
21
t
20
t
19
1
1
2
15
16
DATA
MSB
Bit14
Bit13
Bit1
LSB
MSB
ADS8513
SLAS486 – JUNE 2007
Figure 7. Serial Data Timing, External Clock, Clocking After the Conversion Completes (EXT/INT High, CS
Low)
EXTERNAL DATACLK ACTIVE DURING THE NEXT CONVERSION
Another method of obtaining the conversion result is shown in Figure 8. Since the output shift register is not
updated until the end of the conversion, the previous result remains valid during the next conversion. If a fast
clock (
≥ 2MHz) can be provided to the ADS8513, the result can be read during time t2. During this time, the noise
from the DATACLK signal is less likely to affect the conversion result.
Figure 8. Serial Data Timing, External Clock, Clocking During the Next Conversion (EXT/INT High, CS
Low)
EXTERNAL DATACLK ACTIVE AFTER THE CONVERSION AND DURING THE NEXT CONVERSION
Figure 9 shows a method that is a hybrid of the two previous approaches. This method works very well for
microcontrollers that do serial transfers 8 bits at a time and for slower microcontrollers. For example, if the fastest
serial clock that the microcontroller can produce is 1
μs, the approach shown in Figure 7 would result in a
diminished throughput (26-kHz maximum conversion rate). The method described in Figure 8 could not be used
without risk of affecting the conversion result (the clock would have to be active after time t2). The approach in
Figure 9 results in an improved throughput rate (33 kHz maximum with a 1-
μs clock) and DATACLK is not active
after time t2.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com