Electronic Components Datasheet Search
  English  ▼

X  

ADS8513 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS8513 Datasheet HTML 12Page - Texas Instruments ADS8513 Datasheet HTML 13Page - Texas Instruments ADS8513 Datasheet HTML 14Page - Texas Instruments ADS8513 Datasheet HTML 15Page - Texas Instruments ADS8513 Datasheet HTML 16Page - Texas Instruments ADS8513 Datasheet HTML 17Page - Texas Instruments ADS8513 Datasheet HTML 18Page - Texas Instruments ADS8513 Datasheet HTML 19Page - Texas Instruments ADS8513 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
www.ti.com
POWER-DOWN TOPOWER-UP RESPONSE
Power-DownDuration(ms)
300
250
200
150
100
50
0
0.1
1
10
100
T
A =+25°C
V
S
PWRD
BUSY
CS
CONV
EXT/INT
DATA
DATACLK
R1
IN
GND
R2
IN
R3
IN
BUF
CAP
REF
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
8
7
6
5
0.01µF
1µF
1RF7604
+
Power-DownSignal
LAYOUT
POWER FOR TSSOP-20 PACKAGE
GROUNDING
ADS8513
SLAS486 – JUNE 2007
POWER DOWN (continued)
Figure 13. Power-Down to Power-Up Response
Figure 14. Improved Power-Up Response Circuit
For optimum performance, tie the analog and digital power pins to the same +5-V power supply and tie the
analog and digital grounds together. As noted in the electrical characteristics, the ADS8507 uses 90% of its
power for the analog circuitry. The ADS8507 should be considered as an analog component.
The +5-V power for the A/D converter should be separate from the +5 V used for the system's digital logic.
Connecting +VBD directly to a digital supply can reduce converter performance due to switching noise from the
digital logic. For best performance, the +5-V supply can be produced from whatever analog supply is used for the
rest of the analog signal conditioning. If +12-V or +15-V supplies are present, a simple +5-V regulator can be
used. Although it is not suggested, if the digital supply must be used to power the converter, be sure to properly
filter the supply. Either using a filtered digital supply or a regulated analog supply, both +VBD and +VA should be
tied to the same +5-V source.
Two types of ground pins are present on the TSSOP package ADS8507. DGND is the digital supply ground.
AGND is the analog supply ground.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com