Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 166 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 166 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 162Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 163Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 164Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 165Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 166Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 167Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 168Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 169Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 170Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 286 page
background image
Chapter 10 Clock Interface
10-2
10.2 Basic System Clocks
The various clock signals used in the TX4956 processor are described below, starting with MasterClock,
upon which the processor bases all internal and external clocking.
The clocks on the TX4956 processor are controlled by an on-processor Phase-locked Loop (PLL) circuit.
This circuit keeps the TX4956 processor’s internal clock edges aligned with the clock edges of the
MasterClock signal, which itself acts as the master system clock.
Inside the TX4956 processor, the MasterClock signal can be multiplied by a factor set by the DivMode[2:0]
inputs to the processor. All internal clocks are then derived from this clock. The TX4956 processor has two
primary internal clocks, the pipeline (also referred to as processor) clock, CPUCLK, and the system interface
clock, GBUSCLK. GBUSCLK has the same frequency and phase as MasterClock.
10.2.1
MasterClock
The Processor bases all internal and external clocking on the single MasterClock input signal.
MasterClock specifications are shown in Figure 10.2.1.
Figure 10.2.1 MasterClock
10.2.2
CPUCLK
The pipeline (or processor) clock, CPUCLK, can be 1:2, 1:2.5, 1:3, 1:3.5, 1:4, 1:4.5, 1:5, 1:6 times the
MasterClock frequency. This multiplication factor is determined by DivMode[2:0] pins, which are static
signal inputs to TX4956.
All internal registers and latches use CPUCLK.
10.2.3
GBUSCLK
The system interface clock, GBUSCLK, is the same as the MasterClock frequency. GBUSCLK is
always derived from CPUCLK. The TX4956 processor drives its outputs on this clock edge.
The first rising edge of GBUSCLK, after ColdReset* is deasserted, is aligned with the first rising edge
of MasterClock.
tMCF
tMCR
tMCH
tMCL
tMCP
0.8VCC IO
0.2VCC IO
tMCH
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com