| Electronic Components Datasheet Search |
|
TMPR4956C Datasheet(PDF) 162 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4956C Datasheet(HTML) 162 Page - Toshiba Semiconductor |
|
162 / 286 page ![]() Chapter 9 Initialization Interface 9-4 9.2.3 Soft Reset A soft reset is used to reset the processor without affecting the clocks; in other words, a soft reset is a logic reset. Asserting the Reset* signal resets the processor without disrupting the clocks and allows the processor to retain as much of its state as possible for debugging. (For information on saving the processor states, see the section on SoftReset exception in CPU Exception Processing.) Because asserting the Reset* signal results in an immediate soft reset, multicycle instructions such as cache misses or floating-point instructions may be aborted and some data lost as a result. A soft reset is started by assertion of the Reset* signal. Reset* signal must be asserted for a minimum of 16 cycles, and must be asserted and deasserted synchronously with MasterClock. In general, data in the processor is preserved for debugging purposes. While Reset* signal is asserted, the processor assumes bus ownership and drives the SysAD bus, as follows: In R5000 Mode In R4300 Mode SysAD: 64'hxxxxxxxxxxxxxxxx (unknown output) 64'hxxxxxxxxxxxxxxxx (unknown output) SysCmd: 9'b111010000 (output) 9'b111010000 (output) ValidOut*: 1'b1 (output) 1'b1 (output) Release*: 1'b1 (output) 1'b1 (output) After Reset* signal is deasserted, the processor branches to the Reset Exception vector and begins executing the SoftReset Exception handler. Information about the CPU register bits by a soft reset is provided in the Section 8.5, “SoftReset Exception.” When Reset* signal is asserted during a SysAD transfer, all external agents must be reset to avoid bus contention on the SysAD bus. Figure 9.2.3 illustrates the soft reset timing. Figure 9.2.3 Soft Reset MasterClock (MClk) ColdReset* Wavy lines indicate one or more identical cycles, not shown due to space constraints. TDH TDS Reset* ≥ 16MClk cycles VCC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |