Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 161 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 161 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 157Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 158Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 159Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 160Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 161Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 162Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 163Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 164Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 165Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 286 page
background image
Chapter 9 Initialization Interface
9-3
9.2.2
Cold Reset
A cold reset is used to completely reset the processor, including the processor clock. Processor states
should be saved as follows.
After the processor power has stabilized, ColdReset* must be kept asserted for a minimum of 64,000,
MasterClock cycles to ensure that the processor clock locks with respect to the MasterClock input.
ColdReset* may be asserted and deasserted asynchronously from the rising edge of MasterClock.
While ColdReset* is asserted, the processor assumes bus ownership and drives the SysAD bus, as
follows:
In R5000 Mode
In R4300 Mode
SysAD:
64’hxxxxxxxxxxxxxxxx (unknown output)
64’hxxxxxxxxxxxxxxxx
(unknown
output)
SysCmd:
9’b111010000 (output)
9’b111010000 (output)
ValidOut*:
1’b1 (output)
1’b1 (output)
Release*:
1’b1 (output)
1’b1 (output)
After ColdReset* is deasserted, the processor branches to the Reset Exception vector and begins
executing the ColdReset Exception handler. Information about the CPU register bits during a cold reset
is provided in the Chapter 3, “TX49 Core’s Registers.”
When ColdReset* is asserted during a SysAD transfer, all external agents must be reset to avoid bus
contention on the SysAD bus. Figure 9.2.2 illustrates the cold reset timing.
Figure 9.2.2 Cold Reset
VCC
MasterClock
(MClk)
ColdReset*
Wavy lines indicate one or more identical cycles, not
shown due to space constraints.
≥ 64,000MClk cycles
TDH
TDS
Reset*
≥ 16MClk cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com