Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 159 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 159 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 155Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 156Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 157Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 158Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 159Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 160Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 161Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 162Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 163Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 286 page
background image
Chapter 9 Initialization Interface
9-1
9.
Initialization Interface
This chapter describes the TX4956 Initialization interface, and the processor modes. This includes the reset
signal description and types, and initialization sequence, with signals and timing dependencies, and the user-
selectable TX4956 processor modes.
Low-active signals are indicated by a trailing asterisk, such as ColdReset*, the power-on/cold reset signal.
9.1
Functional Overview
The TX4956 processor has the following three types of resets; they use the PLLReset*, ColdReset* and
Reset* input signals.
•
PLLReset* signal is asserted to initialize the Clock Generator. (CG)
•
ColdReset* signal is asserted after the power supply is stable and then restarts all clocks. A cold
reset completely reinitializes the internal state machine of the processor without saving any state
information.
•
Reset* signal is asserted to generate SoftReset exception. Clock ratio is not changed (DivMode is
not reloaded). The internal state except certain registers is not saved.
After reset, the processor is bus master and drives the SysAD bus.
For reset vector address, use 0xbfc0 0000.
In the TX4956 processor core, the reset vector is located in uncached and unmapped address space.
Therefore, the cache and TLB need not be initialized at reset processing.
9.1.1
System Coordination
Care must be taken to coordinate system reset with other system elements. In general, bus errors
immediately before, during, or after a reset may result in unpredicted behavior. Also, a small amount of
processor state is guaranteed as stable after a reset of the TX4956 processor, so extreme care must be
taken to correctly initialize the processor through software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com