Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 155 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 155 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 151Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 152Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 153Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 154Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 155Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 156Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 157Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 158Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 159Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 286 page
background image
Chapter 8 CPU Exception
8-27
Table 8.21.2 FPU Exception-Causing Conditions
FPA Internal
Result
IEEE Standard
754
Trap Enable
Trap Disable
Notes
Inexact result
I
I
I
Loss of accuracy
Exponent overflow
O, I
(Note 1)
O, I
O, I
Normalized exponent > Emax
Division by zero
Z
Z
Z
Zero is (exponent = Emin – 1, mantissa = 0)
Overflow on convert
V
E
E
Source out of integer range
Signaling NaN source
(Note 2)
V
V
V
Quiet NaN result generated from quiet NaN
source
Invalid operation
V
V
V
0/0, etc.
Exponent underflow
U
E
E
Normalized exponent < Emin
Denormalized or
QNaN
None
E
E
Denormalized is (exponent = Emin – 1 and
mantissa < > 0)
Note 1: The IEEE Standard 754 specifies an inexact exception on overflow only if the overflow trap is
disabled.
Note 2: If the conversion is to integer, it occurs the E-exception on Signaling NaN source.
8.21.5
FPU Exceptions
The following sections describe the conditions that cause the FPU to generate each of its exceptions,
and details the FPU response to each exception-causing condition.
Inexact Exception (I)
The FPU generates the Inexact exception if one of the following occurs:
•
the rounded result of an operation is not exact, or
•
the rounded result of an operation overflows, or
•
the rounded result of an operation underflows and both the Underflow and Inexact Enable bits
are not set and the FS bit is set.
Trap Enabled Results: If Inexact exception traps are enabled, the result register is not modified and
the source registers are preserved.
Trap Disabled Results: The rounded or overflowed result is delivered to the destination register if no
other software trap occurs.
Invalid Operation Exception (V)
The Invalid Operation exception is signaled if one or both of the operands are invalid for an
implemented operation. When the exception occurs without a trap, the MIPS ISA defines the result as a
quiet Not a Number (qNaN). The invalid operations are:
•
Addition or subtraction: magnitude subtraction of infinities, such as: (
+∞) + (–∞) or (–∞) – (–∞)
•
Multiplication: 0 times
∞, with any signs
•
Division: 0/0, or
∞/∞, with any signs
•
Comparison of predicates involving ‘<’ or ‘>’ without ‘?’, when the operands are unordered
•
Any arithmetic operation, when one or both operands is a signaling NaN. A move (MOV)
operation is not considered to be an arithmetic operation, but absolute value (ABS) and negate
(NEG) are.
•
Comparison or a Convert From Floating-point Operation on a signaling NaN.
•
Square root:
x , where x is less than zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com