Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 157 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 157 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 153Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 154Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 155Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 156Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 157Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 158Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 159Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 160Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 161Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 286 page
background image
Chapter 8 CPU Exception
8-29
The MIPS architecture requires that loss of accuracy be detected as an inexact result.
Trap Enabled Results:
If Underflow or Inexact traps are enabled, or if the FS bit is not set, then an
Unimplemented exception (E) is generated, and the result register is not
modified.
Trap Disabled Results:
If Underflow and Inexact traps are not enabled and the FS bit is set, the result
is determined by the rounding mode and the sign of the intermediate result.
Unimplemented Instruction Exception (E)
Any attempt to execute an instruction with an operation code or format code that has been reserved for
future definition sets the Unimplemented bit in the Cause field in the FPU Control/Status register and
traps. The operand and destination registers remain undisturbed and the instruction is emulated in
software. Any of the IEEE Standard 754 exceptions can arise from the emulated operation, and these
exceptions in turn are simulated.
The Unimplemented Instruction exception can also be signaled when unusual operands or result
conditions are detected that the implemented hardware cannot handle properly. These include:
•
Denormalized operand, except for Compare instruction
•
Quiet Not a Number operand, except for Compare instruction
•
Denormalized result or Underflow, when either Underflow or Inexact Enable bits are set or the
FS bit is not set.
•
Reserved opcodes
•
Unimplemented formats
•
Operations which are invalid for their format (for instance, CVT.S.S)
Note:
Denormalized and NaN operands are only trapped if the instruction is a convert or
computational operation. Moves do not trap if their operands are either denormalized or
NaNs.
The use of this exception for such conditions is optional; most of these conditions are newly developed
and are not expected to be widely used in early implementations. Loopholes are provided in the
architecture so that these conditions can be implemented with assistance provided by software,
maintaining full compatibility with the IEEE Standard 754.
Trap Enabled Results: The result register is not modified, and the source registers are preserved.
Trap Disabled Results: This trap cannot be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com