Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 160 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 160 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 156Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 157Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 158Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 159Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 160Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 161Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 162Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 163Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 164Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 286 page
background image
Chapter 9 Initialization Interface
9-2
9.2
Reset Signal Description
This section describes the three reset signals, PLLReset*, ColdReset* and Reset*.
•
PLLReset*:
Assertion of PLLReset* signal initializes the on-chip PLL. PLLReset* signal should
be asserted, for example, when the system power is turned on.
•
ColdReset*:
The ColdReset* signal must be asserted to reset the processor. Internal clock begins
to cycle and is synchronized with the deasserted edge of ColdReset* signal.
ColdReset* signal can be asserted and deasserted asynchronously with the rising
edge of MasterClock.
•
Reset*:
The Reset* signal must be asserted to generate SoftReset exception. Keep Reset*
signal to be deasserted when a soft reset is not used.
9.2.1
Power-On Reset
Power-on reset is a reset that occurs when the system power is turned on. This reset initializes the
PLL inside the on-chip Clock Generator. After MasterClock became stable and the PLL stabilization
time has elapsed, PLLReset* must be deasserted and then ColdReset* must be deasserted.
Figure 9.2.1 illustrates the power-on reset timing.
Figure 9.2.1 Power-On Reset Timing
MasterClock & PLL Stabilization Time
≥ 10 ms
VCC IO
VCC Int
MasterClock
(MClk)
Wavy lines indicate one or more identical
cycles, not shown due to space constraints.
ColdReset*
≥ 1 ms
PLLReset*
GBUSCLK
(Internal Clock)
Note: PLLReset* need not be synchronized to MasterClock.
PLLReset* is sampled by the on-chip logic.
Reset*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com