Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 276 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 276 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 272Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 273Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 274Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 275Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 276Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 277Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 278Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 279Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 280Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 286 page
background image
Chapter 17 Electrical Characteristics
17-2
17.1.3
DC Characteristics
17.1.3.1 DC Characteristics
TC = −20°C to 85°C, VCCInt = 1.25 V ± 5%, VCCIO = 3.3 V ± 0.2V or 2.5 V ± 0.2 V
Parameter
Symbol
Conditions
Min
Max
Units
IOH = −8 mA (8-mA buffer)
Output High Voltage
VOH
IOH = −16 mA (16-mA buffer)
VCCIO − 0.6
⎯
V
IOL = 8 mA (8-mA buffer)
Output Low Voltage
VOL
IOL = 16 mA (16-mA buffer)
⎯
0.4
V
VIH
Except for MasterClock
2
VCCIO + 0.3
Input High Voltage
VIHC
Applies to MasterClock
0.8VCCIO
VCCIO + 0.3
V
Except for MasterClock input
when I/O = 3.3 V
−0.5
0.8
VIL
Except for MasterClock input
when I/O = 2.5 V
−0.5
0.6
Input Low Voltage
VILC
Applies to MasterClock
−0.5
0.2VCCIO
V
Input Leakage
ILI
Applies to pins except
(*2) (*3)
⎯
±10
µA
Input Leakage
(with Pull-up)
(Note 1)
ILlu
−70
−10
µA
Input Leakage
(with Pull-down)
(Note 2)
ILId
10
70
µA
Output Leakage
ILO
⎯
±20
µA
Input Capacitance
CIN
⎯
10
pF
Note 1: Applies to the following input pins that have an internal pull-up resistor. Int [5:0]*, NMI*, Reset*, JTMS, JTCK,
JTDI, TPC[1] (If they need be pulled down, use a resistor with
≤ 20 kΩ.)
Note 2: Applies to the following input pins that have an internal pull-down resistor. TRST*, RdRdy*, TPC[2], TPC[3]
(If they need be pulled up, use a resistor with
≤ 20 kΩ.)
17.1.3.2 Operating Current
TC = −20°C to 85°C, VCCInt = 1.25 V ± 5%, VCCIO = 3.3 V ± 0.2 V or 2.5 V ± 0.2 V
Parameter
Symbol
Conditions
Typ.
Max
Units
Operating Current 1
(Core Power Supply: when
Normal Operating Mode)
ICCInt1
CPUCLK = 400 MHz
350
640
mA
Operating Current 2
(Core Power Supply: when
Drystone 2.1 running)
ICCInt2
CPUCLK = 400 MHz
280
520
mA
Operating Current 3
(Core Power Supply: when
HALT Mode operating)
ICCInt3
CPUCLK = 400 MHz
130
300
mA
Operating Current 4
(Core Power Supply: when
MasterClock Stopped)
ICCInt4
MasterClock = 0 MHz
CPUCLK = 0 MHz
30
200
mA
MasterClock = 133 MHz
BufSel = 1 50% (8-mA buffer)
Load = 25 pF
130
200
Operating current
(When 3.3 V Power supply for
I/O pin)
ICCIO33
MasterClock = 100 MHz
BufSel = 1 50% (8-mA buffer)
Load = 25 pF
130
180
mA
MasterClock = 133 Hz
BufSel = 0 100% (16-mA buffer)
Load = 25 pF
100
150
Operating current
(When 2.5 V Power supply for
I/O pin)
ICCIO25
MasterClock = 100 MHz
BufSel = 0 100% (16-mA buffer)
Load = 25 pF
80
130
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com