Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 277 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 277 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 273Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 274Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 275Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 276Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 277Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 278Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 279Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 280Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 281Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 286 page
background image
Chapter 17 Electrical Characteristics
17-3
17.1.4
AC Characteristics
17.1.4.1 Clock Timing
TC = −20°C to 85°C, VCCInt = 1.25 V ± 5%, VCCIO = 3.3 V ± 0.2 V or 2.5 V ± 0.2 V
Parameter
Symbol
Conditions
Min
Max
Units
MasterClock High Width
tMCH
Transition
≤ 2 ns
2
⎯
ns
MasterClock Low Width
tMCL
Transition
≤ 2 ns
2
⎯
ns
MasterClock Frequency
(Note 1)
fMCK
33
133
MHz
Internal Operation Frequency
⎯
Products for
400 MHz
133
400
MHz
MasterClock Period
tMCP
⎯
7.5
30
ns
MasterClock Rise Time
tMCR
⎯
⎯
2
ns
MasterClock Fall Time
tMCF
⎯
⎯
2
ns
Note 1: Operation of the TX4956C is only guaranteed with the Phase Lock Loop enabled.
Note 2: All output timings assume a 25-pF capacitive load.
17.1.4.2 System Interface
TC = −20°C to 85°C, VCCInt = 1.25 V ± 5%, VCCIO = 3.3 V ± 0.2 V
Parameter
Symbol
Conditions
Min
Max
Units
BufSel = 0 100%
(16-mA buffer)
1.0
(Note 4)
4.0
Data Output
(Note 1, 2, 3)
tDO
BufSel = 1 50%
(8-mA buffer)
1.0
(Note 4)
4.5
ns
Data Setup
(Note 3)
tDS
⎯
2.3
⎯
ns
Data Hold
(Note 3)
tDH
⎯
0.5
⎯
ns
TC = −20°C to 85°C, VCCInt = 1.25 V ± 5%, VCCIO = 2.5 V ± 0.2 V
Parameter
Symbol
Conditions
Min
Max
Units
BufSel = 0 100%
(16-mA buffer)
1.0
(Note 4)
4.5
Data Output
(Note 1, 2, 3)
tDO
BufSel = 1 50%
(8-mA buffer)
1.0
(Note 4)
5.0
ns
Data Setup
(Note 3)
tDS
⎯
2.5
⎯
ns
Data Hold
(Note 3)
tDH
⎯
0.5
⎯
ns
Note 1: Timings are measured from 1.5 V of MasterClock to 1.5 V of each signal.
Note 2: Capacitive load for all output timings is 25 pF.
Note 3: Applies to all system interface signals.
Note 4: Offers a guarantee of design.
17.1.5
Timing Diagrams
17.1.5.1 Clock Timing
tMCH
tMCL
tMCR
tMCF
tMCP
tMCM
tMCL
0.8 *VCCIO
0.2 *VCCIO
1.5 V
MasterClock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com