Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 283 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 283 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 278Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 279Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 280Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 281Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 282Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 283Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 284Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 285Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 286Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 283 / 286 page
background image
Appendix A PLL Passive Components
A-1
Appendix A. PLL Passive Components
The Phase Locked Loop circuit requires several passive components for proper operation, which are connected
to VccPLL, and VssPLL, as illustrated in Figure A.1.
Figure A.1 PLL Recommended Circuit
Values:
•
R = 5.6
Ω (Note 1)
•
L = 2.2
µH
•
C1 = 1 nF
(Note 1)
•
C2 = 82 nF
(Note 1)
•
C3 = 10
µF (Note 1)
•
VccInt = 1.25 V
± 5%
The inductors (L) can be used as alternatives to the resistors (R) to filter the power supply.
It is essential to isolate the analog power and ground for the PLL circuit (VccPLL/VssPLL) from the regular
power and ground (VccInt/Vss).
Note 1: These value should be changed to suitable value for each board.
TX4956
VccInt
VccPLL
VssPLL
VSS
C1
C2
C3
R
L
C1, C2, C3, R and L are Board
Components which should be placed
as close as possible to the processor.
R
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com